Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4245 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE4245 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE4245
Download  PE4245 Download

File Size   279.99 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT UltraCMOS??RF Switch DC - 4000 MHz

PE4245 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4245 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE4245
Download  PE4245 Click to download

File Size   279.99 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT UltraCMOS??RF Switch DC - 4000 MHz

PE4245 Datasheet (HTML) - Peregrine Semiconductor Corp.

PE4245 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4245 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4245 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4245 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4245 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4245 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4245 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4245 Datasheet HTML 8Page - Peregrine Semiconductor Corp.

PE4245 Product details

Product Description
The PE4245 RF Switch is designed to cover a broad range of applications from near DC to 4000 MHz. This switch integrates on-board CMOS control logic with a low voltage CMOS compatible control input. Using a +3-volt nominal power supply voltage, a 1 dB compression point of +27 dBm can be achieved. The PE4245 also exhibits excellent isolation of better than 42 dB at 1000 MHz and is offered in a small 3x3 mm DFN package.
The PE4245 is manufactured on Peregrine’s UltraCMOS™ process, a patented variation of silicon-on-insulator (SOI) technology on a sapphire substrate, offering the performance of GaAs with the economy and integration of conventional CMOS.

Features
    Single 3.0 V Power Supply
    Low insertion loss: 0.6 dB at 1000 MHz, 0.7 dB at 2000 MHz
    High isolation of 42 dB at 1000 MHz, 32 dB at 2000 MHz
    Typical 1 dB compression of +27 dBm
    Single-pin CMOS logic control
    Available in a 6-lead DFN package




Similar Part No. - PE4245

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4245 PEREGRINE-PE4245 Datasheet
263Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245 Datasheet
282Kb / 8P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4245 PSEMI-PE4245 Datasheet
264Kb / 8P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4245 PEREGRINE-PE4245 Datasheet
264Kb / 8P
   SPDT UltraCMOS
logo
Pasternack Enterprises,...
PE4245 PASTERNACK-PE4245 Datasheet
347Kb / 3P
   SMB Plug Right Angle Connector Solder Attachment Thru Hole PCB
More results


Similar Description - PE4245

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245_06 Datasheet
263Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452_15 Datasheet
458Kb / 11P
   UltraCMOS SP5T RF Switch 450-4000 MHz
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com