Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXT1M322 Datasheet (PDF) - Zetex Semiconductors

ZXT1M322 Datasheet PDF - Zetex Semiconductors
Part # ZXT1M322
Download  ZXT1M322 Download

File Size   188.37 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 12V PNP LOW SATURATION SWITCHING TRANSISTOR

ZXT1M322 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT1M322 Datasheet PDF - Zetex Semiconductors

Part # ZXT1M322
Download  ZXT1M322 Click to download

File Size   188.37 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 12V PNP LOW SATURATION SWITCHING TRANSISTOR

ZXT1M322 Datasheet (HTML) - Zetex Semiconductors

ZXT1M322 Datasheet HTML 1Page - Zetex Semiconductors ZXT1M322 Datasheet HTML 2Page - Zetex Semiconductors ZXT1M322 Datasheet HTML 3Page - Zetex Semiconductors ZXT1M322 Datasheet HTML 4Page - Zetex Semiconductors ZXT1M322 Datasheet HTML 5Page - Zetex Semiconductors ZXT1M322 Datasheet HTML 6Page - Zetex Semiconductors

ZXT1M322 Product details

DESCRIPTION
Packaged in the innovative 2mm x 2mm MLP (Micro Leaded Package) outline, this new 4th generation low saturation transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

Additionally users will also gain several other key benefits:
   Performance capability equivalent to much larger packages
   Improved circuit efficiency & power levels
   PCB area and device placement savings
   Lower package height (nom 0.9mm)

FEATURES
• Low Equivalent On Resistance
• Extremely Low Saturation Voltage (-140mV@ -1A)
• hFE specified up to -10A
• IC= -4A Continuous Collector Current
• 2mm x 2mm MLP

APPLICATIONS
• DC - DC Converters (FET Driving)
• Charging Circuits
• Power switches
• Motor control




Similar Part No. - ZXT1M322

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT1M322 DIODES-ZXT1M322 Datasheet
406Kb / 6P
   MPPS??Miniature Package Power Solutions 12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT1M322TA DIODES-ZXT1M322TA Datasheet
406Kb / 6P
   MPPS??Miniature Package Power Solutions 12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT1M322TC DIODES-ZXT1M322TC Datasheet
406Kb / 6P
   MPPS??Miniature Package Power Solutions 12V PNP LOW SATURATION SWITCHING TRANSISTOR
More results


Similar Description - ZXT1M322

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP717MA DIODES-ZXTP717MA_15 Datasheet
164Kb / 7P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTP717MA DIODES-ZXTP717MA Datasheet
164Kb / 7P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT13P12DE6 DIODES-ZXT13P12DE6 Datasheet
423Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD1M832 DIODES-ZXTD1M832 Datasheet
429Kb / 6P
   DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT14P12DX DIODES-ZXT14P12DX Datasheet
266Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10P12DE6 ZETEX-ZXT10P12DE6 Datasheet
232Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P12DE6 ZETEX-ZXT13P12DE6 Datasheet
413Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P12DX ZETEX-ZXT14P12DX Datasheet
261Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P12DE6 DIODES-ZXT10P12DE6 Datasheet
245Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTP07012EFF DIODES-ZXTP07012EFF Datasheet
381Kb / 7P
   12V PNP LOW SATURATION TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com