Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTD3M832 Datasheet (PDF) - Zetex Semiconductors

ZXTD3M832 Datasheet PDF - Zetex Semiconductors
Part # ZXTD3M832
Download  ZXTD3M832 Download

File Size   138.25 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description MPPSTM Miniature Package Power Solutions DUAL 40V PNP LOW SATURATION TRANSISTOR

ZXTD3M832 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTD3M832 Datasheet PDF - Zetex Semiconductors

Part # ZXTD3M832
Download  ZXTD3M832 Click to download

File Size   138.25 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description MPPSTM Miniature Package Power Solutions DUAL 40V PNP LOW SATURATION TRANSISTOR

ZXTD3M832 Datasheet (HTML) - Zetex Semiconductors

ZXTD3M832 Datasheet HTML 1Page - Zetex Semiconductors ZXTD3M832 Datasheet HTML 2Page - Zetex Semiconductors ZXTD3M832 Datasheet HTML 3Page - Zetex Semiconductors ZXTD3M832 Datasheet HTML 4Page - Zetex Semiconductors ZXTD3M832 Datasheet HTML 5Page - Zetex Semiconductors ZXTD3M832 Datasheet HTML 6Page - Zetex Semiconductors

ZXTD3M832 Product details

DESCRIPTION
Packaged in the new innovative 3mm x 2mm MLP (Micro Leaded Package) outline, these new 4th generation low saturation dual PNP transistors offer extremely low on state losses making them ideal for use in DC-DC circuits and various driving and power management functions.

Additionally users gain several other key benefits:
   Performance capability equivalent to much larger packages
   Improved circuit efficiency & power levels
   PCB area and device placement savings
   Lower Package Height (0.9mm nom)
   Reduced component count

FEATURES
• Low Equivalent On Resistance
• Extremely Low Saturation Voltage (-220mV max @1A)
• hFE specified up to -3A
• IC = -3A Continuous Collector Current
• 3mm x 2mm MLP

APPLICATIONS
• DC - DC Converters
• Charging circuits
• Power switches
• Motor control
• CCFL Backlighting




Similar Part No. - ZXTD3M832

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTD3M832 DIODES-ZXTD3M832 Datasheet
352Kb / 6P
   DUAL 40V PNP LOW SATURATION TRANSISTOR
ZXTD3M832TA DIODES-ZXTD3M832TA Datasheet
352Kb / 6P
   DUAL 40V PNP LOW SATURATION TRANSISTOR
ZXTD3M832TC DIODES-ZXTD3M832TC Datasheet
352Kb / 6P
   DUAL 40V PNP LOW SATURATION TRANSISTOR
More results


Similar Description - ZXTD3M832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTD1M832 ZETEX-ZXTD1M832 Datasheet
213Kb / 6P
   MPPSTM Miniature Package Power Solutions DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT3M322 ZETEX-ZXT3M322 Datasheet
166Kb / 6P
   MPPS Miniature Package Power Solutions 40V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTDC3M832 ZETEX-ZXTDC3M832 Datasheet
266Kb / 8P
   MPPS Miniature Package Power Solutions DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZX3CD3S1M832 ZETEX-ZX3CD3S1M832 Datasheet
346Kb / 9P
   MPPS??Miniature Package Power Solutions 40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZXTD2M832 ZETEX-ZXTD2M832_07 Datasheet
205Kb / 6P
   MPPS??Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTD2M832 ZETEX-ZXTD2M832 Datasheet
213Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZX3CD2S1M832 ZETEX-ZX3CD2S1M832 Datasheet
344Kb / 9P
   MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZXT2M322 ZETEX-ZXT2M322_07 Datasheet
164Kb / 6P
   MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT1M322 DIODES-ZXT1M322 Datasheet
406Kb / 6P
   MPPS??Miniature Package Power Solutions 12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT2M322 DIODES-ZXT2M322 Datasheet
363Kb / 6P
   MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com