Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
EYC15DREF
(1)
EYC15DREH
(1)
EYC15DREI
(1)
EYC15DREN
(1)
EYC15DRES
(1)
EYC15DREI - .100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT - ETC
Click Here View
EYC15DREI
Datasheet
Part No.
EYC15DREI
Description
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
Download
EYC15DREI
Click here
to View
File Size
177.68 Kbytes / 2 Pages
Maker
ETC [ETC]
Homepage
Related Electronics Part Number
Part Number
Components Description
Manufacturer
SS-73100-052
HIGH
PERFORMANCE
SHIELDED
STACK
JACK
PEAR
TAILS
ON
PORT
CENTERS
EIGHT
CONTACT
EIGHT
POSITION
50
MICRO
INCHES
GOLD
8
PORTS
4
ON
4
Bel Fuse Inc.
SS-73100-051
HIGH
PERFORMANCE
SHIELDED
STACK
JACK
PEAR
TAILS
ON
PORT
CENTERS
EIGHT
CONTACT
EIGHT
POSITION
50
MICRO
INCHES
GOLD
12
PORTS
6
ON
6
Bel Fuse Inc.
SS-738844S-PG4-AE
EIGHT
CONTACT
EIGHT
POSITION
SHIELDED
STACKED
HARMONICA
JACK
8
PORTS
4
ON
4
Bel Fuse Inc.
SS-73100-050
HIGH
PERFORMANCE
SHIELDED
STACK
JACK
12
PORTS
6
ON
6
EIGHT
CONTACT
EIGHT
POSITION
50
MICRO
INCHES
GOLD
Bel Fuse Inc.
SS-73100-031
CATEGORY
3
SHIELDED
STACK
JACK
EIGHT
CONTACT
EIGHT
POSITION
50
MICRO
INCHES
GOLD
16PORTS
8
ON
8
Bel Fuse Inc.
SS-73100-002
EIGHT
CONTACT
EIGHT
POSITION
SHIELDED
STACK
JACK
ENHANCED
SHIELD
8
PORT
4
ON
4
Bel Fuse Inc.
SLP-3130C-81
İŞ5mm
yelloe-green
contact
type
LED
lamp
Sanyo Semicon Device
DF22-1S-7.92C
7.92
mm
Contact
Pitch
High-Current
Connectors
for
Internal
Power
Supplies
UL
C-UL
and
TUV
Listed
Hirose Electric
G53AD-DC110
Miniature
Type
Heavy
contact
load
up
to
4000VA
ETC
20689
PIN
SPLIT
CONTACT
UNIVERSAL
MATE-N-LOK
Vicor Corporation
Link URL :
Related keyword
EYC15DREI Datasheet
EYC15DREI Cross Reference
EYC15DREI Schematic
EYC15DREI Distributor
EYC15DREI Datenblatt
EYC15DREI RoHS
EYC15DREI Equivalent
EYC15DREI Application Notes
EYC15DREI Data Sheet
EYC15DREI components
EYC15DREI Fiche Technique
EYC15DREI Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer