Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC5052 Datasheet (PDF) - Fairchild Semiconductor

RC5052 Datasheet PDF - Fairchild Semiconductor
Part # RC5052
Download  RC5052 Download

File Size   157.2 Kbytes
Page   18 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors

RC5052 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC5052 Datasheet PDF - Fairchild Semiconductor

Part # RC5052
Download  RC5052 Click to download

File Size   157.2 Kbytes
Page   18 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors

RC5052 Datasheet (HTML) - Fairchild Semiconductor

Back Button RC5052 Datasheet HTML 1Page - Fairchild Semiconductor RC5052 Datasheet HTML 2Page - Fairchild Semiconductor RC5052 Datasheet HTML 3Page - Fairchild Semiconductor RC5052 Datasheet HTML 4Page - Fairchild Semiconductor RC5052 Datasheet HTML 5Page - Fairchild Semiconductor RC5052 Datasheet HTML 6Page - Fairchild Semiconductor RC5052 Datasheet HTML 7Page - Fairchild Semiconductor RC5052 Datasheet HTML 8Page - Fairchild Semiconductor RC5052 Datasheet HTML 9Page - Fairchild Semiconductor RC5052 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

RC5052 Product details

Description

The RC5052 is a synchronous mode DC-DC controller IC, optimized for 12V main power, which provides a highly accurate, programmable output voltage for all Pentium II & III CPU applications and other high-performance processors.



Features

• Optimized for 12V main power

• Programmable output from 1.3V to 3.5V using an integrated 5-bit DAC

• Remote sense

• Active Droop

• 85% efficiency typical at full load

• Integrated Power Good and Enable/Soft Start functions

• Drives N-channel MOSFETs

• Overcurrent protection using MOSFET sensing

• 20 pin SOIC package

• Meets Intel Pentium II & III specifications using minimum number of external components

• Adjustable deadtime, frequency

• Crowbar protection for overvoltage



Applications

• Power supply for Pentium®II & III

• VRM for Pentium II & III processor

• Telecom line cards

• Routers, switches & hubs

• Programmable step-down power supply




Similar Part No. - RC5052

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC5050 ETC1-RC5050 Datasheet
394Kb / 20P
   Programmable DC-DC Converter for Lo Voltage
RC5050M ETC1-RC5050M Datasheet
394Kb / 20P
   Programmable DC-DC Converter for Lo Voltage
logo
Fairchild Semiconductor
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054 FAIRCHILD-RC5054 Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
More results


Similar Description - RC5052

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1156 SEMTECH-SC1156 Datasheet
185Kb / 7P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS?
logo
Fairchild Semiconductor
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
logo
Semtech Corporation
SC1151 SEMTECH-SC1151 Datasheet
97Kb / 6P
   PROGRAMMABLE DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS
logo
Fairchild Semiconductor
FAN5056MV85 FAIRCHILD-FAN5056MV85 Datasheet
162Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
RC5058 FAIRCHILD-RC5058 Datasheet
257Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
RC5061 FAIRCHILD-RC5061 Datasheet
135Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5059MX FAIRCHILD-FAN5059MX Datasheet
216Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com