Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117 Datasheet (PDF) - List of Unclassifed Manufacturers

LM1117 Datasheet PDF - List of Unclassifed Manufacturers
Part # LM1117
Download  LM1117 Download

File Size   108.11 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)

LM1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1117 Datasheet PDF - List of Unclassifed Manufacturers

Part # LM1117
Download  LM1117 Click to download

File Size   108.11 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)

LM1117 Datasheet (HTML) - List of Unclassifed Manufacturers

LM1117 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM1117 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM1117 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM1117 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM1117 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM1117 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM1117 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM1117 Datasheet HTML 8Page - List of Unclassifed Manufacturers

LM1117 Product details

[HTC]

DESCRIPTION
The LM1117 is a low power positive-voltage regulator designed to meet 1A output current and comply with SCSI-II specifications with a fixed output voltage of 2.85V. This device is an excellent choice for use in battery-powered applications, as active terminators for the SCSI bus, and portable computers. The LM1117 features very low quiescent current and very low dropout voltage of 700mV at a full load and lower as output current decreases. LM1117 is available as an adjustable or fixed 1.5V, 1.8V, 2.5V, 2.85V, 3.0V, 3.3V, and 5.0V output voltages.
The LM1117 is offered in a 3-pin surface mount package SOT-223 & TO-263. The output capacitor of 10㎌ or larger is needed for output stability of LM1117 as required by most of the other regulator circuits.

FEATURES
● Output Current up to 1 A
● Low Dropout Voltage ( 700mV at 1A Output Current )
● Three Terminal Adjustable or Fixed 1.5V, 1.8V, 2.5V, 2.85V, 3.0V, 3.3V, 5.0V
● 2.85V Device for SCSI-II Active Terminator
● 0.04% Line Regulaion, 0.1% Load Regulation
● Very Low Quiescent Current
● Internal Current andTerminal Limit
● Logic-Controlled Electronics Shutdown
● Surface Mount Package SOT-223 & TO-263 (D2-Pack)
● 100% Thermal Limit Burn-In

APPLICATION
● Active SCSI Terminators
● Portable/Plan Top/Notebook Computers
● High Efficiency Linear Regulators
● SMPS Post Regulators
● Mother B/D Clock Supplies
● Disk Drives
● Battery Chargers




Similar Part No. - LM1117

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
HTC Korea TAEJIN Techno...
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Cystech Electonics Corp...
LM1117-1.5 CYSTEKEC-LM1117-1.5 Datasheet
185Kb / 4P
   1A Low Dropout Positive Voltage Regulator
More results


Similar Description - LM1117

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LP2950 FCI-LP2950 Datasheet
592Kb / 8P
   LOWDrop Out Voltage Regulators
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Sipex Corporation
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
STMicroelectronics
L4920 STMICROELECTRONICS-L4920 Datasheet
64Kb / 7P
   VERY LOWDROP ADJUSTABLE REGULATORS
logo
AUK corp
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
   Adjustable and Fixed Voltage Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com