Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8014S Datasheet (PDF) - Panasonic Semiconductor

AN8014S Datasheet PDF - Panasonic Semiconductor
Part # AN8014S
Download  AN8014S Download

File Size   151.96 Kbytes
Page   18 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Step-down, step-up, or inverting DC-DC converter control IC

AN8014S Datasheet (PDF)

Go To PDF Page Download Datasheet
AN8014S Datasheet PDF - Panasonic Semiconductor

Part # AN8014S
Download  AN8014S Click to download

File Size   151.96 Kbytes
Page   18 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Step-down, step-up, or inverting DC-DC converter control IC

AN8014S Datasheet (HTML) - Panasonic Semiconductor

Back Button AN8014S Datasheet HTML 1Page - Panasonic Semiconductor AN8014S Datasheet HTML 2Page - Panasonic Semiconductor AN8014S Datasheet HTML 3Page - Panasonic Semiconductor AN8014S Datasheet HTML 4Page - Panasonic Semiconductor AN8014S Datasheet HTML 5Page - Panasonic Semiconductor AN8014S Datasheet HTML 6Page - Panasonic Semiconductor AN8014S Datasheet HTML 7Page - Panasonic Semiconductor AN8014S Datasheet HTML 8Page - Panasonic Semiconductor AN8014S Datasheet HTML 9Page - Panasonic Semiconductor AN8014S Datasheet HTML 10Page - Panasonic Semiconductor Next Button 

AN8014S Product details

■ Overview
The AN8014S is a single-channel PWM DC-DC converter control IC.
This IC can provide any one output type from among step-down, step-up and inverting output.
Allowing n-channel power MOSFET direct driving, the AN8014S is ideal for high-efficiency power supplies.

■ Features
• Wide operating supply voltage range (3.6 V to 34 V)
    (The voltage is limited within a range between 3.6 V and 17 V if it is connected to a step-down voltage circuit.)
• Totem pole output circuit: output peak current (±1 A)
• On-chip pulse-by-pulse overcurrent detection and protection circuit
    Threshold voltage VCC − 0.095 V typical
• On-chip bootstrap circuit (allowing n-channel MOSFET direct driving.)
• On-chip under-voltage lock-out circuit (U.V.L.O.)
• On-chip on/off function (active-high control input, standby current of maximum 5 µA)
• On-chip timer latch short-circuit protection circuit
• Maximum oscillator frequency (500 kHz)

■ Applications
• DC-DC switching power supply




Similar Part No. - AN8014S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8010 PANASONIC-AN8010 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8010M PANASONIC-AN8010M Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
   2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
   Single-channel step-up or step-down DC-DC converter control IC
AN8015SH PANASONIC-AN8015SH Datasheet
131Kb / 14P
   Single-channel step-down, step-up, or inverting use DC-DC converter control IC
More results


Similar Description - AN8014S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8015SH PANASONIC-AN8015SH Datasheet
131Kb / 14P
   Single-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
   2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8018SA PANASONIC-AN8018SA Datasheet
268Kb / 26P
   1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
   Single-channel step-up or step-down DC-DC converter control IC
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
   1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com