Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F785 Datasheet (PDF) - Microchip Technology

PIC16F785 Datasheet PDF - Microchip Technology
Part # PIC16F785
Download  PIC16F785 Download

File Size   1862.07 Kbytes
Page   178 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 20-Pin Flash-Based 8-Bit CMOS Microcontroller with Two-Phase Asychronous Feedback PWM, Dual High-Speed Comparators and Dual Operational Amplifiers

PIC16F785 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F785 Datasheet PDF - Microchip Technology

Part # PIC16F785
Download  PIC16F785 Click to download

File Size   1862.07 Kbytes
Page   178 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 20-Pin Flash-Based 8-Bit CMOS Microcontroller with Two-Phase Asychronous Feedback PWM, Dual High-Speed Comparators and Dual Operational Amplifiers

PIC16F785 Datasheet (HTML) - Microchip Technology

Back Button PIC16F785 Datasheet HTML 1Page - Microchip Technology PIC16F785 Datasheet HTML 2Page - Microchip Technology PIC16F785 Datasheet HTML 3Page - Microchip Technology PIC16F785 Datasheet HTML 4Page - Microchip Technology PIC16F785 Datasheet HTML 5Page - Microchip Technology PIC16F785 Datasheet HTML 6Page - Microchip Technology PIC16F785 Datasheet HTML 7Page - Microchip Technology PIC16F785 Datasheet HTML 8Page - Microchip Technology PIC16F785 Datasheet HTML 9Page - Microchip Technology PIC16F785 Datasheet HTML 10Page - Microchip Technology Next Button 

PIC16F785 Product details

DEVICE OVERVIEW
This document contains device specific information for the PIC16F785/HV785. It is available in 20-pin PDIP, SOIC, SSOP and QFN packages. Figure 1-1 shows a block diagram of the PIC16F785/HV785 device. Table 1-1 shows the pinout description.

High-Performance RISC CPU:
• Only 35 Instructions to Learn:
   - All single-cycle instructions except branches
• Operating Speed:
   - DC – 20 MHz oscillator/clock input
   - DC – 200 ns instruction cycle
• Interrupt Capability
• 8-Level Seep Hardware Stack
• Direct, Indirect and Relative Addressing modes

Special Microcontroller Features:
• Precision Internal Oscillator:
   - Factory calibrated to ±1%
   - Software selectable frequency range of
      8 MHz to 32 kHz
   - Software tunable
   - Two-Speed Start-up mode
   - Crystal fail detect for critical applications
   - Clock mode switching during operation for
      power savings
• Power-Saving Sleep mode
• Wide Operating Voltage Range (2.0V-5.5V)
• Industrial and Extended Temperature Range
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
   Timer (OST)
• Brown-out Reset (BOR) with Software Control
   Option
• Enhanced Low-Current Watchdog Timer (WDT)
   with on-chip Oscillator (software selectable
   nominal 268 seconds with full prescaler) with
   Software Enable
• Multiplexed Master Clear with Pull-up/Input Pin
• Programmable Code Protection
• High-Endurance Flash/EEPROM cell:
   - 100,000 write Flash endurance
   - 1,000,000 write EEPROM endurance
   - Flash/Data EEPROM retention: > 40 years (Continue ...)




Similar Part No. - PIC16F785

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F785 MICROCHIP-PIC16F785 Datasheet
3Mb / 184P
   20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
2005
PIC16F785 MICROCHIP-PIC16F785 Datasheet
3Mb / 206P
   20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
2008
PIC16F785 MICROCHIP-PIC16F785 Datasheet
863Kb / 20P
   Adding Intelligence to Lighting Applications
Summer 2010
PIC16F785 MICROCHIP-PIC16F785 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC16F785-E/ML MICROCHIP-PIC16F785-E/ML Datasheet
3Mb / 206P
   20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
2008
More results


Similar Description - PIC16F785

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F785 MICROCHIP-PIC16F785_05 Datasheet
3Mb / 184P
   20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
2005
PIC16F785 MICROCHIP-PIC16F785_08 Datasheet
3Mb / 206P
   20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
2008
PIC16F85 MICROCHIP-PIC16F85 Datasheet
69Kb / 4P
   18/20 Pin, 8-Bit CMOS FLASH Microcontroller with Comparators and A/D Product Brief
2001
RFPIC12F675K MICROCHIP-RFPIC12F675K Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Microchip Technology
PIC16F628-20P MICROCHIP-PIC16F628-20P Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
12/05/02
PIC1F628 MICROCHIP-PIC1F628 Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
2003
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Microchip Technology
PIC16F5X MICROCHIP-PIC16F5X Datasheet
1Mb / 90P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2004
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com