Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4554 Datasheet (PDF) - Asahi Kasei Microsystems

AK4554 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4554
Download  AK4554 Download

File Size   197.82 Kbytes
Page   17 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Low Power & Small Package 16bit ?誇 CODEC

AK4554 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4554 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4554
Download  AK4554 Click to download

File Size   197.82 Kbytes
Page   17 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Low Power & Small Package 16bit ?誇 CODEC

AK4554 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK4554 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4554 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4554 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4554 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4554 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4554 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4554 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4554 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4554 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4554 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK4554 Product details

GENERAL DESCRIPTION
The AK4554 is a low voltage 16bit A/D & D/A converter for portable digital audio system. In the AK4554, the loss of accuracy form clock jitter is also improved by using SCF techniques for on-chip post filter. Analog signal input/output of the AK4554 are single-ended, therefore, any external filters are not required. The AK4554 is suitable for portable digital audio system, as the AK4554 is low power dissipation and a small package.

FEATURES
□ HPF for DC-offset cancel (fc=3.4Hz)
□ Single-ended ADC
   - S/(N+D): 80dB@VDD=2.5V
   - Dynamic Range, S/N: 89dB@VDD=2.5V
□ Single-ended DAC
   - Digital de-emphasis for 32kHz, 44.1kHz, 48kHz sampling
   - S/(N+D): 85dB@VDD=2.5V
   - Dynamic Range, S/N: 92dB@VDD=2.5V
□ Audio I/F format: MSB First, 2’s Compliment (AK4550 compatible)
   - ADC: 16bit MSB justified
   - DAC: 16bit LSB justified
□ Input/Output Voltage: 0.6 x VDD (=1.5Vpp@VDD=2.5V)
□ High Jitter Tolerance
□ Sampling Rate: 8kHz to 50kHz
□ Master Clock:
   256fs/384fs/512fs/768fs (fs=8kHz to 50kHz)
   1024fs (fs=8kHz to 25kHz)
□ Power Supply: 1.6 to 3.6V
□ Low Power Supply Current: 8mA
□ Ta = −40 to 85°C
□ Very Small Package: 16pin TSSOP




Similar Part No. - AK4554

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4550 AKM-AK4550 Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4550 AKM-AK4550 Datasheet
845Kb / 22P
   EVALUATION BOARD REV.C FOR AK4550
AK4550VT AKM-AK4550VT Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4551 AKM-AK4551 Datasheet
109Kb / 15P
   LOW POWER & SMALL PACKAGE 20BIT CODEC
AK4551 AKM-AK4551 Datasheet
110Kb / 17P
   EVALUATION BOARD REV.C FOR AK4551
More results


Similar Description - AK4554

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4550 AKM-AK4550 Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4555 AKM-AK4555 Datasheet
192Kb / 17P
   Low Power & Small Package 20bit ?誇 CODEC
AK5355 AKM-AK5355_05 Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AK5355VT AKM-AK5355VT Datasheet
167Kb / 20P
   Low Power 16bit ?誇 ADC
AK4651 AKM-AK4651 Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4551 AKM-AK4551 Datasheet
109Kb / 15P
   LOW POWER & SMALL PACKAGE 20BIT CODEC
AK4650 AKM-AK4650 Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
AK4556 AKM-AK4556 Datasheet
182Kb / 22P
   3V 192kHz 24Bit ?誇 CODEC
AKD4641EN-A AKM-AKD4641EN-A Datasheet
732Kb / 54P
   16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
AK5355 AKM-AK5355 Datasheet
120Kb / 14P
   LOW POWER 16BIT ADC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com