Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62709NG Datasheet (PDF) - Toshiba Semiconductor

TB62709NG Datasheet PDF - Toshiba Semiconductor
Part # TB62709NG
Download  TB62709NG Download

File Size   1148.75 Kbytes
Page   26 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)

TB62709NG Datasheet (PDF)

Go To PDF Page Download Datasheet
TB62709NG Datasheet PDF - Toshiba Semiconductor

Part # TB62709NG
Download  TB62709NG Click to download

File Size   1148.75 Kbytes
Page   26 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)

TB62709NG Datasheet (HTML) - Toshiba Semiconductor

Back Button TB62709NG Datasheet HTML 1Page - Toshiba Semiconductor TB62709NG Datasheet HTML 2Page - Toshiba Semiconductor TB62709NG Datasheet HTML 3Page - Toshiba Semiconductor TB62709NG Datasheet HTML 4Page - Toshiba Semiconductor TB62709NG Datasheet HTML 5Page - Toshiba Semiconductor TB62709NG Datasheet HTML 6Page - Toshiba Semiconductor TB62709NG Datasheet HTML 7Page - Toshiba Semiconductor TB62709NG Datasheet HTML 8Page - Toshiba Semiconductor TB62709NG Datasheet HTML 9Page - Toshiba Semiconductor TB62709NG Datasheet HTML 10Page - Toshiba Semiconductor Next Button 

TB62709NG Product details

7−SEGMENT DRIVERS WITH BUILT−IN DECODERS
(COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)

The TB62709NG and TB62709FG are multifunctional, compact, 7−segment LED display drivers.
These ICs can directly drive 7−segment displays and individual LEDs, and can control either a 4−digit display with decimal points, or 32 individual LEDs.
These ICs can also be used with common−anode displays. Their outputs are constant current, the ampere levels at which are set using an external resistor.
A synchronous serial port connects the IC to the CPU.
The different modes of control provided by this device including Duty Control Register Set, Digit Set, Decode Set and Standby Set, are all based on every 16−bit of serial data.
The suffix (G) appended to the part number represents a Lead(Pb)-Free product.

FEATURES
● Control circuit power supply
   : VDD = 4.5 to 5.5 V
● Digit output rating
   : 17 V / −400 mA
● Decoder output rating
   : 17 V / 50 mA
● Built−in decoder
   : Decodes the numerals 0 to 9, certain alphabetic
      characters, and of course blanks code.
● Digit control function
   : Can scan digit outputs DIG−0 to DIG−3 when connected
      to the common anode pins of a 7−segment display.
● Maximum transmission frequency
   : fCLK = 15 MHz
● Decoder outputs (OUT−A to OUT−Dp)
   Output current can be set up to a 40mA maximum using an external resistor.
● Constant current tolerance (Ta = 25°C, VDD = 5.0 V)
   : Variation between bits = ±7%, variation between devices
      (including variation between bits) = ±15% at VCE ≥ 0.7 V
● Package
   : 24−pin SDIP (SDIP24−P−300−1.78)
      24−pin SSOP (SSOP24−P−300−1.00)




Similar Part No. - TB62709NG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62709NG TOSHIBA-TB62709NG Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG_06 Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
More results


Similar Description - TB62709NG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62709N TOSHIBA-TB62709N_06 Datasheet
573Kb / 28P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG_06 Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62785NG TOSHIBA-TB62785NG Datasheet
996Kb / 30P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TB62709N TOSHIBA-TB62709N Datasheet
987Kb / 24P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TD62C851PG TOSHIBA-TD62C851PG Datasheet
573Kb / 13P
   8BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH DRIVERS
TB62702P TOSHIBA-TB62702P_06 Datasheet
309Kb / 11P
   10BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH / 10SEGMENT LED DRIVERS
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
   8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
logo
Marktech Corporate
MTE2050S-OH1 MARKTECH-MTE2050S-OH1 Datasheet
57Kb / 2P
   MTE2050S−OH1
logo
List of Unclassifed Man...
DILM7 ETC2-DILM7 Datasheet
140Kb / 2P
   RC−suppressor
logo
Toshiba Semiconductor
TD62930P TOSHIBA-TD62930P_06 Datasheet
343Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com