Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8759 Datasheet (PDF) - Marktech Corporate

MAX8759 Datasheet PDF - Marktech Corporate
Part # MAX8759
Download  MAX8759 Download

File Size   647.37 Kbytes
Page   31 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Low-Cost, SMBus, CCFL Backlight Controller

MAX8759 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8759 Datasheet PDF - Marktech Corporate

Part # MAX8759
Download  MAX8759 Click to download

File Size   647.37 Kbytes
Page   31 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Low-Cost, SMBus, CCFL Backlight Controller

MAX8759 Datasheet (HTML) - Marktech Corporate

Back Button MAX8759 Datasheet HTML 1Page - Marktech Corporate MAX8759 Datasheet HTML 2Page - Marktech Corporate MAX8759 Datasheet HTML 3Page - Marktech Corporate MAX8759 Datasheet HTML 4Page - Marktech Corporate MAX8759 Datasheet HTML 5Page - Marktech Corporate MAX8759 Datasheet HTML 6Page - Marktech Corporate MAX8759 Datasheet HTML 7Page - Marktech Corporate MAX8759 Datasheet HTML 8Page - Marktech Corporate MAX8759 Datasheet HTML 9Page - Marktech Corporate MAX8759 Datasheet HTML 10Page - Marktech Corporate Next Button 

MAX8759 Product details

General Description

The MAX8759 integrated cold-cathode fluorescent lamp (CCFL) inverter controller is designed to drive CCFLs using a full-bridge resonant inverter. The resonant operation ensures reliable striking and provides near-sinusoidal waveforms over the entire input range. The controller operates over a wide input-voltage range of 4.5V to 28V with high power to light efficiency. The device also includes safety features that effectively protect against single-point fault conditions such as lamp-out, secondary overvoltage, and secondary short-circuit faults.



Features

♦ Accurate Dimming Control Using SMBus, PWM Interface, or Ambient Light Sensor

♦ 10:1 Dimming Range with 256-Step Resolution

♦ Resonant-Mode Operation

   Longer Lamp Life with Near Sinusoidal Lamp

   Current Waveform

   Guaranteed Striking Capability

   High-Power-to-Light Efficiency

♦ Wide Input-Voltage Range (4.5V to 28V)

♦ Input Feed-Forward for Excellent Line Rejection

♦ ±2.5% Lamp-Current Regulation

♦ Adjustable 1.5% Accurate DPWM Frequency

♦ Dual Lamp-Current Feedback Inputs

♦ Comprehensive Fault Protection

   Secondary Voltage Limiting

   Primary Current Limit with Lossless Sensing

   Lamp-Out Protection with Adjustable Timeout

   Secondary Short-Circuit Protection

♦ Small 28-Pin, 5mm x 5mm, Thin QFN Package



Applications

  Notebooks

  LCD Monitors

  Automotive Infotainment



 




Similar Part No. - MAX8759

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
MAX8759ETI++ MAXIM-MAX8759ETI+ Datasheet
2Mb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
More results


Similar Description - MAX8759

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
   Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
MAX8722C MAXIM-MAX8722C Datasheet
561Kb / 21P
   Low-Cost CCFL Backlight Controller
Rev 3; 2/09
MAX8722 MAXIM-MAX8722 Datasheet
331Kb / 20P
   Low-Cost CCFL Backlight Controller
Rev 0; 6/04
MAX8709B MAXIM-MAX8709B Datasheet
990Kb / 24P
   High-Efficiency CCFL Backlight Controller with SMBus Interface
Rev 0; 3/07
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Maxim Integrated Produc...
DS3991 MAXIM-DS3991 Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
   CCFL Backlight Controller
AME9003 AKM-AME9003 Datasheet
260Kb / 39P
   CCFL Backlight Controller
logo
Beyond Innovation Techn...
BIT3102B BITEK-BIT3102B Datasheet
49Kb / 1P
   Low Cost PWM CCFL Controller
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com