Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9013M Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

S9013M Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # S9013M
Download  S9013M Download

File Size   134.44 Kbytes
Page   3 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR

S9013M Datasheet (PDF)

Go To PDF Page Download Datasheet
S9013M Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # S9013M
Download  S9013M Click to download

File Size   134.44 Kbytes
Page   3 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR

S9013M Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

S9013M Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd S9013M Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd S9013M Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd

S9013M Product details

FEATURES

High Collector Current. (IC=500mA)

Complementary to S9012M

Excellent hFElinearity.



APPLICATION

150mW Output Amplifier of Potable Radios in Class B Push-pull Operation.

For portable equipment:(i.e. Mobile phone,MP3, MD,CD-ROM, DVD-ROM,Note book PC, etc.)




Similar Part No. - S9013M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S9013 FAIRCHILD-S9013 Datasheet
40Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
GUANGDONG HOTTECH INDUS...
S9013 HOTTECH-S9013 Datasheet
167Kb / 2P
   Plastic-Encapsulate Transistors
logo
Jinan Jing Heng Electro...
S9013 JINGHENG-S9013 Datasheet
1Mb / 5P
   NPN General purpose Amplifier
logo
AUK corp
S9013 AUK-S9013 Datasheet
87Kb / 3P
   NPN Silicon Transistor
logo
SUNMATE electronic Co.,...
S9013 SUNMATE-S9013 Datasheet
752Kb / 3P
   NPN SILICON EPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - S9013M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7214 NTE-NTE7214 Datasheet
159Kb / 1P
   TRANSISTOR TRANSISTOR LOGIC
NTE74LS76A NTE-NTE74LS76A Datasheet
104Kb / 1P
   Transistor transistor logic
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
   TRANSISTOR SWITCHING TRANSISTOR
REV1.0
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
   Silicon Transistor Amplifier Transistor
logo
AiT Semiconductor Inc.
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Jiangsu Changjiang Elec...
S9012M JIANGSU-S9012M Datasheet
194Kb / 3P
   TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com