Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD034 Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

BD034 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # BD034
Download  BD034 Download

File Size   96.15 Kbytes
Page   2 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR (PNP)

BD034 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD034 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BD034
Download  BD034 Click to download

File Size   96.15 Kbytes
Page   2 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR (PNP)

BD034 Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

BD034 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BD034 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd

BD034 Product details

TRANSISTOR (PNP)

FEATURES
   Power dissipation
      PCM: 1.25 W (Tamb=25℃)
   Collector current
      ICM: -2.5 A
   Collector-base voltage
      V(BR)CBO: -110 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - BD034

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BD034 SECOS-BD034 Datasheet
80Kb / 1P
   BD034
logo
Foshan Blue Rocket Elec...
BD034 FOSHAN-BD034 Datasheet
866Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
logo
Nanjing International G...
BD034 DGNJDZ-BD034 Datasheet
996Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BD034-R SECOS-BD034-R Datasheet
80Kb / 1P
   BD034
BD034-S SECOS-BD034-S Datasheet
80Kb / 1P
   BD034
More results


Similar Description - BD034

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com