Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLA-8-2013 Datasheet (PDF) - Teledyne Technologies Incorporated

TLA-8-2013 Datasheet PDF - Teledyne Technologies Incorporated
Part # TLA-8-2013
Download  TLA-8-2013 Download

File Size   892.32 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Low Noise Amplifier 2 GHz - 8 GHz

TLA-8-2013 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLA-8-2013 Datasheet PDF - Teledyne Technologies Incorporated

Part # TLA-8-2013
Download  TLA-8-2013 Click to download

File Size   892.32 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Low Noise Amplifier 2 GHz - 8 GHz

TLA-8-2013 Datasheet (HTML) - Teledyne Technologies Incorporated

TLA-8-2013 Datasheet HTML 1Page - Teledyne Technologies Incorporated TLA-8-2013 Datasheet HTML 2Page - Teledyne Technologies Incorporated

TLA-8-2013 Product details

Low Noise Amplifier 2 GHz - 8 GHz

This Low Noise Amplifier offers low Noise figure performance of 2.5 dB over the band 2 GHz to 8 GHz with 28 dB Gain.

Teledyne Microwave amplifiers are balanced or feedback designs and manufactured with the latest MIC & MMIC technology. The GaAs FET’s used in these amplifiers are well established proven devices from multiple sources.

Teledyne Microwave offers a complete line of Narrow and broadband Amplifiers covering the frequency range 500 MHz to 40 GHz. These products are available in either connectorized packages or as modules. For a complete list of these products and more, please visit our website.

Other products from Teledyne Microwave include: Transceivers, Synthesizers, and YIG Products




Similar Part No. - TLA-8-2013

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TLA-8-2014 TELEDYNE-TLA-8-2014 Datasheet
890Kb / 2P
   Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2015 TELEDYNE-TLA-8-2015 Datasheet
890Kb / 2P
   Low Noise Amplifier 2 GHz - 8 GHz
More results


Similar Description - TLA-8-2013

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TLA-8-2015 TELEDYNE-TLA-8-2015 Datasheet
890Kb / 2P
   Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2014 TELEDYNE-TLA-8-2014 Datasheet
890Kb / 2P
   Low Noise Amplifier 2 GHz - 8 GHz
TLT-8-2015 TELEDYNE-TLT-8-2015 Datasheet
890Kb / 2P
   Temperature Compensated Low Noise Amplifier 2 GHz - 8 GHz
TLT-8-2013 TELEDYNE-TLT-8-2013 Datasheet
890Kb / 2P
   Temperature Compensated Low Noise Amplifier 2 GHz - 8 GHz
TLT-8-2014 TELEDYNE-TLT-8-2014 Datasheet
890Kb / 2P
   Temperature Compensated Low Noise Amplifier 2 GHz - 8 GHz
TLA-18-2002 TELEDYNE-TLA-18-2002 Datasheet
895Kb / 2P
   Low Noise Amplifier 2 GHz - 18 GHz
TLA-18-2003 TELEDYNE-TLA-18-2003 Datasheet
893Kb / 2P
   Low Noise Amplifier 2 GHz - 18 GHz
logo
Custom MMIC Design Serv...
CMD270 MMIC-CMD270 Datasheet
237Kb / 8P
   4-8 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD270P3 QORVO-CMD270P3 Datasheet
280Kb / 10P
   4-8 GHz Low Noise Amplifier
November 4, 2021
logo
Custom MMIC Design Serv...
CMD167P3 MMIC-CMD167P3 Datasheet
253Kb / 10P
   8-16 GHz Low Noise Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com