Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD10465BZ Datasheet (PDF) - Analog Devices

AD10465BZ Datasheet PDF - Analog Devices
Part # AD10465BZ
Download  AD10465BZ Download

File Size   2425.02 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning

AD10465BZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD10465BZ Datasheet PDF - Analog Devices

Part # AD10465BZ
Download  AD10465BZ Click to download

File Size   2425.02 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning

AD10465BZ Datasheet (HTML) - Analog Devices

Back Button AD10465BZ Datasheet HTML 1Page - Analog Devices AD10465BZ Datasheet HTML 2Page - Analog Devices AD10465BZ Datasheet HTML 3Page - Analog Devices AD10465BZ Datasheet HTML 4Page - Analog Devices AD10465BZ Datasheet HTML 5Page - Analog Devices AD10465BZ Datasheet HTML 6Page - Analog Devices AD10465BZ Datasheet HTML 7Page - Analog Devices AD10465BZ Datasheet HTML 8Page - Analog Devices AD10465BZ Datasheet HTML 9Page - Analog Devices AD10465BZ Datasheet HTML 10Page - Analog Devices Next Button 

AD10465BZ Product details

PRODUCT DESCRIPTION
The AD10465 is a full channel ADC solution with on-module signal conditioning for improved dynamic performance and fully matched channel-to-channel performance. The module includes two wide dynamic range AD6644 ADCs. Each AD6644 has a dccoupled amplifier front end including an AD8037 low distortion, high bandwidth amplifier, providing a high input impedance and gain, and driving the AD8138 single-to-differential amplifier.

FEATURES
    Dual, 65 MSPS Minimum Sample Rate
        Channel-to-Channel Matching, ±0.5% Gain Error
        Channel-to-Channel Isolation, >90 dB
        DC-Coupled Signal Conditioning Included
    Selectable Bipolar Input Voltage Range
        (±0.5 V, ±1.0 V, ±2.0 V)
    Gain Flatness up to 25 MHz: < 0.2 dB
    80 dB Spurious-Free Dynamic Range
    Two’s Complement Output Format
    3.3 V or 5 V CMOS-Compatible Output Levels
    1.75 W per Channel
    Industrial and Military Grade

APPLICATIONS
    Phased Array Receivers
    Communications Receivers
    FLIR Processing
    Secure Communications
    GPS Antijamming Receivers
    Multichannel, Multimode Receivers




Similar Part No. - AD10465BZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10465BZ AD-AD10465BZ Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
More results


Similar Description - AD10465BZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com