Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2222ALT1 Datasheet (PDF) - Avic Technology

MMBT2222ALT1 Datasheet PDF - Avic Technology
Part # MMBT2222ALT1
Download  MMBT2222ALT1 Download

File Size   39.46 Kbytes
Page   1 Pages
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology
Description SOT-23 Plastic-Encapsulate Transistors

MMBT2222ALT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT2222ALT1 Datasheet PDF - Avic Technology

Part # MMBT2222ALT1
Download  MMBT2222ALT1 Click to download

File Size   39.46 Kbytes
Page   1 Pages
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology
Description SOT-23 Plastic-Encapsulate Transistors

MMBT2222ALT1 Datasheet (HTML) - Avic Technology

MMBT2222ALT1 Datasheet HTML 1Page - Avic Technology

MMBT2222ALT1 Product details

TRANSISTOR (NPN)

FEATURES
   Power dissipation
      PCM: 0.3 W (Tamb=25℃)
   Collector current
      ICM: 0.6 A
   Collector-base voltage
      V(BR)CBO: 75 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - MMBT2222ALT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT2222ALT1 MOTOROLA-MMBT2222ALT1 Datasheet
253Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2222ALT1 ONSEMI-MMBT2222ALT1 Datasheet
181Kb / 8P
   General Purpose Transistors
September, 2004 ??Rev. 5
logo
Leshan Radio Company
MMBT2222ALT1 LRC-MMBT2222ALT1 Datasheet
208Kb / 5P
   General Purpose Transistors(NPN Silicon)
logo
Comchip Technology
MMBT2222ALT1 COMCHIP-MMBT2222ALT1 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
MMBT2222ALT1 ONSEMI-MMBT2222ALT1 Datasheet
128Kb / 8P
   General Purpose Transistors NPN Silicon
March, 2001 ??Rev. 1
More results


Similar Description - MMBT2222ALT1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results




About Avic Technology


AVIC Technology Corporation is a subsidiary of Aviation Industry Corporation of China (AVIC), which is a state-owned aerospace and defense company. AVIC Technology is primarily focused on providing solutions in the areas of avionics, airborne equipment, and related systems.

AVIC Technology offers a wide range of products and services, including airborne equipment and systems, avionics systems, satellite navigation, and communication systems. The company also provides services such as system integration, engineering design, and technical support.

AVIC Technology's products and services are used in a variety of applications, including civil aviation, military aviation, and space exploration. The company has partnerships with many leading aerospace and defense companies around the world, and it has a strong presence in both domestic and international markets.

Overall, AVIC Technology is a major player in the global aerospace and defense industry, with a focus on innovation and technology development to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com