Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61LV25616 Datasheet (PDF) - Integrated Circuit Solution Inc

IC61LV25616 Datasheet PDF - Integrated Circuit Solution Inc
Part # IC61LV25616
Download  IC61LV25616 Download

File Size   194.68 Kbytes
Page   11 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY

IC61LV25616 Datasheet (PDF)

Go To PDF Page Download Datasheet
IC61LV25616 Datasheet PDF - Integrated Circuit Solution Inc

Part # IC61LV25616
Download  IC61LV25616 Click to download

File Size   194.68 Kbytes
Page   11 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY

IC61LV25616 Datasheet (HTML) - Integrated Circuit Solution Inc

Back Button IC61LV25616 Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 9Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button 

IC61LV25616 Product details

DESCRIPTION
The ICSI IC61LV25616 is a high-speed, 4,194,304-bit static RAM organized as 262,144 words by 16 bits. It is fabricated using ICSIs high-performance CMOS technology. This highly reliable process coupled with innovative circuit design techniques, yields high-performance and low power consump tion devices.
When CE is HIGH (deselected), the device assumes a standby mode at which the power dissipation can be reduced down with CMOS input levels.
Easy memory expansion is provided by using Chip Enable and Output Enable inputs, CE and OE. The active LOW Write Enable (WE) controls both writing and reading of the memory. A data byte allows Upper Byte (UB) and Lower Byte (LB) access.
The IC61LV25616 is packaged in the JEDEC standard 44-pin 400mil SOJ, 44 pin 400mil TSOP-2 and 48-pin 6*8 TF BGA.

FEATURES
• High-speed access time: 8, 10, 12, and 15 ns
• CMOS low power operation
• TTL compatible interface levels
• Single 3.3V ± 10% power supply
• Fully static operation: no clock or refresh required
• Three state outputs
• Data control for upper and lower bytes
• Industrial temperature available




Similar Part No. - IC61LV25616

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV256 ICSI-IC61LV256 Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10J ICSI-IC61LV256-10J Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JG ICSI-IC61LV256-10JG Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JI ICSI-IC61LV256-10JI Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JIG ICSI-IC61LV256-10JIG Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
More results


Similar Description - IC61LV25616

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com