Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5073 Datasheet (PDF) - Maxim Integrated Products

MAX5073 Datasheet PDF - Maxim Integrated Products
Part # MAX5073
Download  MAX5073 Download

File Size   473.87 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs

MAX5073 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5073 Datasheet PDF - Maxim Integrated Products

Part # MAX5073
Download  MAX5073 Click to download

File Size   473.87 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs

MAX5073 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX5073 Datasheet HTML 1Page - Maxim Integrated Products MAX5073 Datasheet HTML 2Page - Maxim Integrated Products MAX5073 Datasheet HTML 3Page - Maxim Integrated Products MAX5073 Datasheet HTML 4Page - Maxim Integrated Products MAX5073 Datasheet HTML 5Page - Maxim Integrated Products MAX5073 Datasheet HTML 6Page - Maxim Integrated Products MAX5073 Datasheet HTML 7Page - Maxim Integrated Products MAX5073 Datasheet HTML 8Page - Maxim Integrated Products MAX5073 Datasheet HTML 9Page - Maxim Integrated Products MAX5073 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX5073 Product details

General Description
The MAX5073 is a dual-output DC-DC converter with integrated high-side n-channel power MOSFETs. Each output can be configured either as a buck converter or a boost converter. The device is capable of operating from a wide 5.5V to 23V input voltage range.

Features
♦ 4.5V to 5.5V or 5.5V to 23V Input Supply Voltage Range
♦ 0.8V (Buck) to 28V (Boost) Output Voltage
♦ Two Independent Output DC-DC Converters with Internal Power MOSFETs
♦ Each Output can be Configured in Buck or Boost Mode
♦ IOUT1 and IOUT2 of 2A and 1A (Respectively) in Buck Mode
♦ 180° Out-of-Phase Operation
♦ Clock Output for Four Phase Operation
♦ Switching Frequency Programmable from 200kHz to 2.2MHz
♦ Digital Soft-Start and Sync Input
♦ Individual Converter Shutdown and Power-Good Output
♦ Short-Circuit Protection (Buck)/Maximum Duty Cycle Limit (Boost)
♦ Thermal Shutdown
♦ Thermally Enhanced 28-Pin Thin QFN Package Dissipates up to 2.7W at +70°C




Similar Part No. - MAX5073

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5073 MAXIM-MAX5073 Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
MAX5073ETI MAXIM-MAX5073ETI Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
MAX5073ETI++ MAXIM-MAX5073ETI+ Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
MAX5073 MAXIM-MAX5073_V01 Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
More results


Similar Description - MAX5073

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5073 MAXIM-MAX5073_V01 Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
MAX5072 MAXIM-MAX5072 Datasheet
1Mb / 27P
   2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
Rev 2; 2/06
MAX5072 MAXIM-MAX5072_V01 Datasheet
2Mb / 30P
   2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
2019
MAX5098A MAXIM-MAX5098A_V01 Datasheet
1Mb / 29P
   Dual 2.2MHz Buck or Boost Converter with 80V Load-Dump Protection
2014
MAX5098A MAXIM-MAX5098A Datasheet
492Kb / 28P
   Dual, 2.2MHz, Automotive Buck or Boost Converter with 80V Load-Dump Protection
Rev 0; 5/08
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
   23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Maxim Integrated Produc...
MAX15036 MAXIM-MAX15036 Datasheet
396Kb / 25P
   2.2MHz, 3A Buck or Boost Converters with an Integrated High-Side Switch
Rev 0; 7/08
logo
Renesas Technology Corp
RAA207700GBM RENESAS-RAA207700GBM Datasheet
162Kb / 18P
   Synchronous Buck Regulator with Internal Power MOSFETs
logo
STMicroelectronics
AN2359 STMICROELECTRONICS-AN2359 Datasheet
368Kb / 18P
   Double output Buck-Boost converter with VIPerX2A
logo
Renesas Technology Corp
RAA207703GBM RENESAS-RAA207703GBM Datasheet
164Kb / 18P
   Synchronous Buck Regulator with Internal Power MOSFETs
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com