Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5043 Datasheet (PDF) - ams AG

AS5043 Datasheet PDF - ams AG
Part # AS5043
Download  AS5043 Download

File Size   626.27 Kbytes
Page   26 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS

AS5043 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5043 Datasheet PDF - ams AG

Part # AS5043
Download  AS5043 Click to download

File Size   626.27 Kbytes
Page   26 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS

AS5043 Datasheet (HTML) - ams AG

Back Button AS5043 Datasheet HTML 1Page - ams AG AS5043 Datasheet HTML 2Page - ams AG AS5043 Datasheet HTML 3Page - ams AG AS5043 Datasheet HTML 4Page - ams AG AS5043 Datasheet HTML 5Page - ams AG AS5043 Datasheet HTML 6Page - ams AG AS5043 Datasheet HTML 7Page - ams AG AS5043 Datasheet HTML 8Page - ams AG AS5043 Datasheet HTML 9Page - ams AG AS5043 Datasheet HTML 10Page - ams AG Next Button 

AS5043 Product details

General Description
The AS5043 is a contactless magnetic angle encoder for accurate measurement up to 360°.
It is a system-on-chip, combining integrated Hall elements, analog front end and digital signal processing in a single device.
The AS5043 provides a digital 10-bit as well as a programmable analog output that is directly proportional to the angle of a magnet, rotating over the chip. The analog output can be configured in many ways, including user programmable angular range, adjustable output voltage range, voltage or current output, etc.. An internal voltage regulator allows operation of the AS5043 from 3.3V or 5.0V supplies.


Key Features
ƒ● 360° contactless high resolution angular position encoding
ƒ● User programmable zero position
ƒ● Two 10-bit absolute outputs:
ƒ● Serial digital interface and
ƒ● Versatile analog output
    programmable angular range up to 360°
    programmable ratiometric output voltage range
ƒ● Failure detection mode for magnet field strength and loss of power supply
ƒ● Serial read-out of multiple interconnected
    AS5043 devices using daisy chain mode
ƒ● Mode input for optimizing noise vs. speed
ƒ● Alignment mode for magnet placement guidance
ƒ● Wide temperature range: - 40°C to + 125°C
ƒ● Small package: SSOP 16 (5.3mm x 6.2mm)




Similar Part No. - AS5043

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5043 AMSCO-AS5043 Datasheet
725Kb / 36P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043 AMSCO-AS5043 Datasheet
1Mb / 37P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043ASST AMSCO-AS5043ASST Datasheet
725Kb / 36P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043ASSU AMSCO-AS5043ASSU Datasheet
725Kb / 36P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
More results


Similar Description - AS5043

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043 AMSCO-AS5043_1 Datasheet
725Kb / 36P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5245 AMSCO-AS5245_1 Datasheet
877Kb / 31P
   Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5245 AMSCO-AS5245_04 Datasheet
1Mb / 32P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5245 AMSCO-AS5245 Datasheet
904Kb / 33P
   Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5046 AMSCO-AS5046 Datasheet
77Kb / 2P
   PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5046 AMSCO-AS5046_1 Datasheet
880Kb / 33P
   PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
   10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
   8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
logo
TE Connectivity Ltd
KMA36 TEC-KMA36 Datasheet
530Kb / 18P
   Contactless Absolute 360째 (180째) angle measurement
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com