![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
OM4228SS - 100 Amp, 45, 60 and 100 Volt Power Schottky Center-Tap Module - International Rectifier |
|
Click Here View OM4228SS Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SPS3045 | 30 Amp 45 Volt Power Schottky Center-Tap | ETC |
| MHPM7B25A120B | 25 AMP 1200 VOLT HYBRID POWER MODULE | Motorola, Inc |
| SHD116236 | 200 VOLT 15 AMP POWER SCHOTTKY RECTIFIER IN A HERMETIC SHD-1/B PACKAGE. | Sensitron |
| MBR10100CT | 10 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200Volts | ETC |
| OM100Q05CB | 100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE | ETC |
| MBR1520 | 15 Amp Schottky Barrier Rectifier 20 to 100 Volts | Micro Commercial Components |
| MBRB1520CT | 15 Amp Schottky Barrier Rectifier 20 to 100 Volts | Micro Commercial Components |
| SK82 | 8 Amp Schottky Rectifier 20 to 100 Volts | Micro Commercial Components |
| NTE1878 | Integrated Circuit Module Voltage Amp for 2 Power 2 Channel 40W to 50W AF Power Amp | NTE Electronics |
| CMSH2-20L | LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER 2.0 AMP 20 AND 40 VOLTS | Central Semiconductor Corp |
Link URL |
|
|
Related keyword |
| OM4228SS Datasheet | OM4228SS Cross Reference | OM4228SS Schematic | OM4228SS Distributor | OM4228SS Datenblatt | OM4228SS RoHS |
| OM4228SS Equivalent | OM4228SS Application Notes | OM4228SS Data Sheet | OM4228SS component | OM4228SS Fiche Technique | OM4228SS Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |