![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
BP5722A12 - AC220V, 12V.1000mA - Rohm |
|
Click Here View BP5722A12 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BP5085-15 | AC/DC converter AC220V input output C220V output-1 : 15V/80mA output output-2 : 5V/350mA | Rohm |
| BP5041A | AC220V input 12V/100mA output | Rohm |
| BP5041A5 | AC220V input 5V/100mA output | Rohm |
| BP5041B15 | AC220V input 15V/80mA output | Rohm |
| BP5047A24 | AC220V input 24V/150mA output | Rohm |
| BP5042A15 | AC/DC converter - AC220V input 15V/500mA output type | Rohm |
| BP5048-15 | AC/DC converter - AC220V input 15V/200mA output | Rohm |
| BP5048-24 | AC/DC converter - AC220V input 24V/200mA output | Rohm |
Link URL |
|
|
Related keyword |
| BP5722A12 Datasheet | BP5722A12 Cross Reference | BP5722A12 Schematic | BP5722A12 Distributor | BP5722A12 Datenblatt | BP5722A12 RoHS |
| BP5722A12 Equivalent | BP5722A12 Application Notes | BP5722A12 Data Sheet | BP5722A12 component | BP5722A12 Fiche Technique | BP5722A12 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |