Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTC3838N3 Datasheet (PDF) - Cystech Electonics Corp.

BTC3838N3 Datasheet PDF - Cystech Electonics Corp.
Part # BTC3838N3
Download  BTC3838N3 Download

File Size   155.77 Kbytes
Page   4 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description High Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)

BTC3838N3 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTC3838N3 Datasheet PDF - Cystech Electonics Corp.

Part # BTC3838N3
Download  BTC3838N3 Click to download

File Size   155.77 Kbytes
Page   4 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description High Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)

BTC3838N3 Datasheet (HTML) - Cystech Electonics Corp.

BTC3838N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTC3838N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTC3838N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTC3838N3 Datasheet HTML 4Page - Cystech Electonics Corp.

BTC3838N3 Product details

Features
• High transition frequency, fT=3.2GHz(typ.)
• Low output capacitance, Cob=0.8pF(typ.)

Applications
• UHF converter.
• Local oscillator




Similar Part No. - BTC3838N3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTC30010-1TAA INFINEON-BTC30010-1TAA Datasheet
2Mb / 36P
   High-Side Power Connector
1.3, 2015-02-06
BTC30010-1TAA INFINEON-BTC30010-1TAA_15 Datasheet
2Mb / 36P
   High-Side Power Connector
1.3, 2015-02-06
logo
Cystech Electonics Corp...
BTC3097J3 CYSTEKEC-BTC3097J3 Datasheet
327Kb / 7P
   High Voltage NPN Triple Diffused Planar Transistor
BTC3097T3 CYSTEKEC-BTC3097T3 Datasheet
246Kb / 6P
   High Voltage NPN Triple Diffused Planar Transistor
BTC3149E3 CYSTEKEC-BTC3149E3 Datasheet
236Kb / 6P
   High Voltage NPN Triple Diffused Planar Transistor
More results


Similar Description - BTC3838N3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4726 ROHM-2SC4726_10 Datasheet
153Kb / 3P
   High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC4726TLP ROHM-2SC4726TLP Datasheet
98Kb / 3P
   High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC4726 ROHM-2SC4726_1 Datasheet
74Kb / 3P
   High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
2SC5662 ROHM-2SC5662 Datasheet
64Kb / 2P
   High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC3838KT146P ROHM-2SC3838KT146P Datasheet
98Kb / 3P
   High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC5661 ROHM-2SC5661_09 Datasheet
193Kb / 4P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC3837KT146P ROHM-2SC3837KT146P Datasheet
128Kb / 5P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC4725 ROHM-2SC4725_09 Datasheet
193Kb / 4P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC5659 ROHM-2SC5659_10 Datasheet
147Kb / 3P
   High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
2SC5659 ROHM-2SC5659 Datasheet
80Kb / 4P
   High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com