Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S20S50CR Datasheet (PDF) - Mospec Semiconductor

S20S50CR Datasheet PDF - Mospec Semiconductor
Part # S20S50CR
Download  S20S50CR Download

File Size   175.77 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description Schottky Barrier Rectifiers

S20S50CR Datasheet (PDF)

Go To PDF Page Download Datasheet
S20S50CR Datasheet PDF - Mospec Semiconductor

Part # S20S50CR
Download  S20S50CR Click to download

File Size   175.77 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description Schottky Barrier Rectifiers

S20S50CR Datasheet (HTML) - Mospec Semiconductor

S20S50CR Datasheet HTML 1Page - Mospec Semiconductor S20S50CR Datasheet HTML 2Page - Mospec Semiconductor

S20S50CR Product details

SCHOTTKY BARRIER RECTIFIERS

20 AMPERES 35-60 VOLTS



The I2PAK Power rectifier employs the SchottkyBarrier principle with a Molybdenum barrier metal. These state-of-the-art devices have the following features:


* LowForward Voltage.

* LowSwitching noise.

* High Current Capacity

* Guarantee Reverse Avalanche.

* Guard-Ring for Stress Protection.

* LowPower Loss & High efficiency.

* 150℃ Operating Junction Temperature

* LowStored Charge MajorityCarrier Conduction.

* Plastic Material used Carries Underwriters Laboratory

  FlammabilityClassification 94V-O




Similar Part No. - S20S50CR

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S20S50 MOSPEC-S20S50 Datasheet
245Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
More results


Similar Description - S20S50CR

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com