Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S218R Datasheet (PDF) - Minmax Technology Co., Ltd.

S218R Datasheet PDF - Minmax Technology Co., Ltd.
Part # S218R
Download  S218R Download

File Size   233.96 Kbytes
Page   6 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description 2W, Low Cost DIP, Single & Dual Output DC/DC Converters

S218R Datasheet (PDF)

Go To PDF Page Download Datasheet
S218R Datasheet PDF - Minmax Technology Co., Ltd.

Part # S218R
Download  S218R Click to download

File Size   233.96 Kbytes
Page   6 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description 2W, Low Cost DIP, Single & Dual Output DC/DC Converters

S218R Datasheet (HTML) - Minmax Technology Co., Ltd.

S218R Datasheet HTML 1Page - Minmax Technology Co., Ltd. S218R Datasheet HTML 2Page - Minmax Technology Co., Ltd. S218R Datasheet HTML 3Page - Minmax Technology Co., Ltd. S218R Datasheet HTML 4Page - Minmax Technology Co., Ltd. S218R Datasheet HTML 5Page - Minmax Technology Co., Ltd. S218R Datasheet HTML 6Page - Minmax Technology Co., Ltd.



Similar Part No. - S218R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S218 ETC1-S218 Datasheet
23Kb / 1P
   8 Amp 120, 240 Vac AC Output
logo
Microsemi Corporation
S2180 MICROSEMI-S2180 Datasheet
129Kb / 2P
   Silicon Power Rectifier
S2180 MICROSEMI-S2180 Datasheet
129Kb / 2P
   SILICON POWER RECTIFIER
More results


Similar Description - S218R

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D200E MPD-D200E Datasheet
181Kb / 2P
   Low Cost, 2W SIP Single & Dual Output DC/DC Converters
LF200ES MPD-LF200ES Datasheet
325Kb / 2P
   Low Cost, 2W SMT Single Output DC/DC Converters
LF200ED MPD-LF200ED Datasheet
263Kb / 2P
   Low Cost, 2W SMT Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIR500 MINMAX-MIR500 Datasheet
236Kb / 6P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MDHU100 MINMAX-MDHU100 Datasheet
172Kb / 7P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200ED MPD-D200ED Datasheet
209Kb / 2P
   Very Low Cost, 2W SIP Dual Isolated Output DC/DC Converters
logo
SL Power Electronics
DC1-2_DD SLPOWER-DC1-2_DD Datasheet
340Kb / 3P
   2W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH-2W TOPPOWER-TPH-2W Datasheet
208Kb / 4P
   2W Isolated Single & Dual Output DC/DC Converters
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com