![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
RK1R-L2-12V - 1.5 GHz MICROWAVE RELAY - Nais(Matsushita Electric Works) |
|
Click Here View RK1R-L2-12V Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| TGA1082B | 27- 32 GHz 1.5 Watt Power Amplifier | TriQuint Semiconductor |
| IVA-05208 | Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier | Agilent(Hewlett-Packard) |
| IVA-05228 | Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option | Agilent(Hewlett-Packard) |
| MGA-86576 | 1.5 - 8 GHz Low Noise GaAs MMIC Amplifier | Agilent(Hewlett-Packard) |
| TRF3701 | 0.4 GHz to 1.5 GHz QUADRATURE MODULATOR | Texas Instruments |
| AD9512 | 800 MHz Clock Distribution IC 1.5 GHz Inputs Dividers Delay Adjust Five Outputs | Analog Devices |
| 2301 | 1.5 Watt - 20 Volts Class C Microwave 2300 MHz | GHz Technology |
| HMC13MS8 | GaAs MMIC SMT DOUBLE BALANCED MIXER 1.5 - 4.5 GHz | Hittite Microwave Corporation |
| CMM1331-KU | 12.70 to 13.50 GHz 1.5 Watt Power Amplifier | ETC |
| MAAM12021 | Low Noise Amplifier 1.5 - 1.6 GHz | Tyco Electronics |
Link URL |
|
|
Related keyword |
| RK1R-L2-12V Datasheet | RK1R-L2-12V Cross Reference | RK1R-L2-12V Schematic | RK1R-L2-12V Distributor | RK1R-L2-12V Datenblatt | RK1R-L2-12V RoHS |
| RK1R-L2-12V Equivalent | RK1R-L2-12V Application Notes | RK1R-L2-12V Data Sheet | RK1R-L2-12V component | RK1R-L2-12V Fiche Technique | RK1R-L2-12V Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |