![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
FMM5820X - Ka-Band Power Amplifier MMIC - Eudyna Devices Inc |
|
Click Here View FMM5820X Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| ESM5804YD | K Ka-Band Power Amplifier MMIC | Eudyna Devices Inc |
| FMM5820QH | Ka-Band Power Amplifier MMIC | Eudyna Devices Inc |
| FMM5826X | Ka-Band Power Amplifier MMIC | Eudyna Devices Inc |
| XP1018 | 35.0-45.0 GHz GaAs MMIC Power Amplifier | Mimix Broadband |
| UPC2710TB | 5 V SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER | NEC |
| NJG1301V | MEDIUM POWER AMPLIFIER GaAs MMIC | New Japan Radio |
| TGA4516 | Ka-Band 2W Power Amplifier | TriQuint Semiconductor |
| CGY92 | GaAs MMIC Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier | Siemens Semiconductor Group |
| AA022P1-00 | 18-23 GHz GaAs MMIC Power Amplifier | Alpha Industries |
| XP1000 | 17.0-24.0 GHz GaAs MMIC Power Amplifier | Mimix Broadband |
Link URL |
|
|
Related keyword |
| FMM5820X Datasheet | FMM5820X Cross Reference | FMM5820X Schematic | FMM5820X Distributor | FMM5820X Datenblatt | FMM5820X RoHS |
| FMM5820X Equivalent | FMM5820X Application Notes | FMM5820X Data Sheet | FMM5820X component | FMM5820X Fiche Technique | FMM5820X Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |