Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9119D10A Datasheet (PDF) - Torex Semiconductor

XC9119D10A Datasheet PDF - Torex Semiconductor
Part # XC9119D10A
Download  XC9119D10A Download

File Size   378.66 Kbytes
Page   16 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible

XC9119D10A Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9119D10A Datasheet PDF - Torex Semiconductor

Part # XC9119D10A
Download  XC9119D10A Click to download

File Size   378.66 Kbytes
Page   16 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible

XC9119D10A Datasheet (HTML) - Torex Semiconductor

Back Button XC9119D10A Datasheet HTML 1Page - Torex Semiconductor XC9119D10A Datasheet HTML 2Page - Torex Semiconductor XC9119D10A Datasheet HTML 3Page - Torex Semiconductor XC9119D10A Datasheet HTML 4Page - Torex Semiconductor XC9119D10A Datasheet HTML 5Page - Torex Semiconductor XC9119D10A Datasheet HTML 6Page - Torex Semiconductor XC9119D10A Datasheet HTML 7Page - Torex Semiconductor XC9119D10A Datasheet HTML 8Page - Torex Semiconductor XC9119D10A Datasheet HTML 9Page - Torex Semiconductor XC9119D10A Datasheet HTML 10Page - Torex Semiconductor Next Button 

XC9119D10A Product details

GENERAL DESCRIPTION
The XC9119D01A series is 1MHz, PWM controlled step-up DC/DC converter, designed to allow the use of ceramic capacitors. With a built-in 2.0Ω switching transistor, the XC9119D01A series can easily provide a step-up operation by using only a coil, a diode, a capacitor, and a resistor, connected externally.

FEATURES
    Operating Voltage Range : 2.5V ~ 6.0V
    Output Voltage Range : Up to 19.5V externally set-up
                                         : Reference voltage 1.0V +2.0%
    Oscillation Frequency : 1.0MHz± 20%
    ON Resistance : 2.0Ω (VDD: 3.6V, VDS: 0.4V)
    Efficiency : 86% (VOUT=15V, VDD=3.6V, IOUT=10mA)
    Control : PWM control
    Stand-by function : STB=1.0μA (MAX.)
    Load Capacitor : Low ESR cap. such as a ceramic capacitor compatible
    Ultra Small Packages : SOT-25, USP-6C
    Lx Limit Current : 400mA (VDD:3.6V)

APPLICATIONS
● Organic electroluminescene display (OELD)
● Power supplies for LCD panels
● Various general-purpose power supplies




Similar Part No. - XC9119D10A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9119D10A TOREX-XC9119D10A Datasheet
383Kb / 18P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A Datasheet
421Kb / 18P
   1MHz, PWM Controlled Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10AEL TOREX-XC9119D10AEL Datasheet
383Kb / 18P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10AER TOREX-XC9119D10AER Datasheet
383Kb / 18P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10AML TOREX-XC9119D10AML Datasheet
383Kb / 18P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
More results


Similar Description - XC9119D10A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9119D10A TOREX-XC9119D10A_1 Datasheet
383Kb / 18P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A_V01 Datasheet
421Kb / 18P
   1MHz, PWM Controlled Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9103 TOREX-XC9103_1 Datasheet
1Mb / 23P
   Ceramic Capacitor Compatible, Step-up DC/DC Controllers
0307_XC6373 TOREX-0307_XC6373 Datasheet
185Kb / 8P
   LOW FREQUENCY PWM CONTROLLED STEP UP DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7642 AITSEMI-A7642 Datasheet
523Kb / 9P
   DC-DC CONVERTER/BOOST (STEP-UP) 20V, 1MHz, 2A PWM REGULATOR
REV2.0 - JUN 2014
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
   PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com