Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TW2815 Datasheet (PDF) - List of Unclassifed Manufacturers

TW2815 Datasheet PDF - List of Unclassifed Manufacturers
Part # TW2815
Download  TW2815 Download

File Size   98.97 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 4 Channel Video Decoders and Audio Codecs For Security Applications Pin to pin compatible

TW2815 Datasheet (PDF)

Go To PDF Page Download Datasheet
TW2815 Datasheet PDF - List of Unclassifed Manufacturers

Part # TW2815
Download  TW2815 Click to download

File Size   98.97 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 4 Channel Video Decoders and Audio Codecs For Security Applications Pin to pin compatible

TW2815 Datasheet (HTML) - List of Unclassifed Manufacturers

TW2815 Datasheet HTML 1Page - List of Unclassifed Manufacturers TW2815 Datasheet HTML 2Page - List of Unclassifed Manufacturers

TW2815 Product details

[Techwell]

4 Channel Video Decoders and Audio Codecs For Security Applications

The TW2815 includes four high quality NTSC/PAL video decoders that convert analog composite video signal to digital component YCbCr data for security applications. The TW2815 contains four 10 bit ADC and proprietary clamp and gain controllers and utilizes a 4H comb filter for separating luminance & chrominance to reduce cross noise artifacts. The TW2815 adopts the image enhancement techniques such as IF compensation filter, CTI and programmable peaking. The TW2815 also includes an audio CODEC which has four audio Analog-to-Digital converters and one Digital-to-Analog converter. A built-in audio controller can generate digital outputs for recording/mixing and accepts digital input for playback.

Features
- Accepts all NTSC(M/N/4.43) / PAL(B/D/G/H/I/K/L/M/N/60) standards with auto detection
- Integrated four video analog anti-aliasing filters and 10 bit CMOS ADCs
- High performance adaptive 4H comb filters for all NTSC/PAL standards
- IF compensation filter for improvement of color demodulation
- Color Transient Improvement (CTI)
- Automatic white peak control
- Programmable hue, saturation, contrast, brightness and sharpness
- Proprietary fast video locking system for nonrealtime application
- Supports the standard ITU-R BT.656 format or time multiplexed output with 54MHz
- Provides simultaneous four channel Full D1 and CIF time-multiplexed outputs with 54MHz
- Integrated four audio ADCs and one audio DAC
- Provides multi-channel audio mixed analog output
- Supports a standard I2S interface for record output and playback input
- 8/16 bit audio word length
- Sample audio with 8/16KHz
- Supports a two-wire serial host interface
- Ultra low power consumption (Typical 500mW)
- 100 TQFP package
*TW2815 only

Target Applications
- Standalone DVR
- PC Based DVR




Similar Part No. - TW2815

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TW2815 RENESAS-TW2815 Datasheet
2Mb / 82P
   4-Channel Video Decoders and Audio Codecs for Security Applications
May 19, 2017
More results


Similar Description - TW2815

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TW2815 RENESAS-TW2815 Datasheet
2Mb / 82P
   4-Channel Video Decoders and Audio Codecs for Security Applications
May 19, 2017
TW2864 RENESAS-TW2864 Datasheet
3Mb / 110P
   4-Channel Video Decoders and Audio Codecs For Security Applications
September 28, 2012
TW2867C RENESAS-TW2867C Datasheet
4Mb / 138P
   4-Channel Video Decoders and Audio Codecs For Security Applications
February 9, 2012
TW2867 RENESAS-TW2867 Datasheet
197Kb / 2P
   4-Channel Video Decoders and Audio Codecs for Security Applications
TW2866 RENESAS-TW2866 Datasheet
122Kb / 2P
   4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications
logo
Intersil Corporation
TW2868 INTERSIL-TW2868 Datasheet
160Kb / 3P
   8-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications
August 9, 2011
logo
Renesas Technology Corp
TW2868 RENESAS-TW2868 Datasheet
5Mb / 199P
   8-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications
May 22, 2013
TW2866C RENESAS-TW2866C Datasheet
5Mb / 143P
   4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
February 3, 2012
TW2865 RENESAS-TW2865 Datasheet
5Mb / 151P
   4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
Aug 1, 2017
logo
Davicom Semiconductor, ...
DM5865 DAVICOM-DM5865 Datasheet
68Kb / 3P
   4-Channel 720H Video Decoders and Audio Codecs
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com