Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVXZ161284MEA Datasheet (PDF) - Fairchild Semiconductor

74LVXZ161284MEA Datasheet PDF - Fairchild Semiconductor
Part # 74LVXZ161284MEA
Download  74LVXZ161284MEA Download

File Size   340.17 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection

74LVXZ161284MEA Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVXZ161284MEA Datasheet PDF - Fairchild Semiconductor

Part # 74LVXZ161284MEA
Download  74LVXZ161284MEA Click to download

File Size   340.17 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection

74LVXZ161284MEA Datasheet (HTML) - Fairchild Semiconductor

Back Button 74LVXZ161284MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 8Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 9Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

74LVXZ161284MEA Product details

General Description
The LVXZ161284 contains eight bidirectional data buffers and eleven control/status buffers to implement a full IEEE 1284 compliant interface. The device supports the IEEE 1284 standard and is intended to be used in an Extended Capabilities Port mode (ECP). The pinout allows for easy connection from the Peripheral (A-side) to the Host (cable side).

Features
■ Supports IEEE 1284 Level 1 and Level 2 signaling standards for bidirectional parallel communications between personal computers and printing peripherals
■ Translation capability allows outputs on the cable side to interface with 5V signals
■ All inputs have hysteresis to provide noise margin
■ B and Y output resistance optimized to drive external cable
■ B and Y outputs in high impedance mode during power down
■ C inputs and B, Y outputs on cable side have internal 1.4 kΩ pull-up resistors
■ Flow-through pin configuration allows easy interface between the “Peripheral and Host”
■ Replaces the function of two (2) 74ACT1284 devices
■ Power-up protection prevents errors when the printer is powered on but no valid signal is at the input pins (A9 - A13).




Similar Part No. - 74LVXZ161284MEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX00 FAIRCHILD-74LVX00 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX00 ONSEMI-74LVX00 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input NAND Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX00M FAIRCHILD-74LVX00M Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
logo
ON Semiconductor
74LVX00M ONSEMI-74LVX00M Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input NAND Gate
February 2008 Rev. 1.4.0
More results


Similar Description - 74LVXZ161284MEA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX161284 ONSEMI-74LVX161284 Datasheet
222Kb / 13P
   Low Voltage IEEE 161284 Translating Transceiver
Revised June 2005
logo
Fairchild Semiconductor
74LVX161284A FAIRCHILD-74LVX161284A Datasheet
94Kb / 9P
   Low Voltage IEEE 161284 Translating Transceiver
74LVX161284 FAIRCHILD-74LVX161284 Datasheet
114Kb / 11P
   Low Voltage IEEE 161284 Translating Transceiver
logo
STMicroelectronics
74LVCZ161284A STMICROELECTRONICS-74LVCZ161284A Datasheet
437Kb / 12P
   LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
July 2005
logo
ON Semiconductor
74VCX164245 ONSEMI-74VCX164245 Datasheet
209Kb / 11P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
Revised June 2005
74VCX163245 ONSEMI-74VCX163245 Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Texas Instruments
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284 Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com