Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX3CD3S1M832 Datasheet (PDF) - Zetex Semiconductors

ZX3CD3S1M832 Datasheet PDF - Zetex Semiconductors
Part # ZX3CD3S1M832
Download  ZX3CD3S1M832 Download

File Size   346.57 Kbytes
Page   9 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description MPPS??Miniature Package Power Solutions 40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL

ZX3CD3S1M832 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX3CD3S1M832 Datasheet PDF - Zetex Semiconductors

Part # ZX3CD3S1M832
Download  ZX3CD3S1M832 Click to download

File Size   346.57 Kbytes
Page   9 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description MPPS??Miniature Package Power Solutions 40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL

ZX3CD3S1M832 Datasheet (HTML) - Zetex Semiconductors

ZX3CD3S1M832 Datasheet HTML 1Page - Zetex Semiconductors ZX3CD3S1M832 Datasheet HTML 2Page - Zetex Semiconductors ZX3CD3S1M832 Datasheet HTML 3Page - Zetex Semiconductors ZX3CD3S1M832 Datasheet HTML 4Page - Zetex Semiconductors ZX3CD3S1M832 Datasheet HTML 5Page - Zetex Semiconductors ZX3CD3S1M832 Datasheet HTML 6Page - Zetex Semiconductors ZX3CD3S1M832 Datasheet HTML 7Page - Zetex Semiconductors ZX3CD3S1M832 Datasheet HTML 8Page - Zetex Semiconductors ZX3CD3S1M832 Datasheet HTML 9Page - Zetex Semiconductors

ZX3CD3S1M832 Product details

DESCRIPTION
Packaged in the new innovative 3mm x 2mm MLP this combination dual comprises an ultra low saturation PNP transistor and a 1A Schottky barrier diode. This excellent combination provides users with highly efficient performance in applications including DC-DC and charging circuits.

Users will also gain several other key benefits:
   Performance capability equivalent to much larger packages
   Improved circuit efficiency & power levels
   PCB area and device placement savings
   Lower package height (0.9mm nom)
   Reduced component count

FEATURES
• Extremely Low Saturation Voltage (-220mV @-1A)
• HFE characterised up to -3A
• IC = -3A Continuous Collector Current
• Extremely Low VF, fast switching Schottky
• 3mm x 2mm MLP

APPLICATIONS
• DC - DC Converters
• Mobile Phones
• Charging Circuits
• Motor control



Similar Part No. - ZX3CD3S1M832

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX3CD3S1M832 DIODES-ZX3CD3S1M832 Datasheet
478Kb / 9P
   40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD3S1M832TA DIODES-ZX3CD3S1M832TA Datasheet
478Kb / 9P
   40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD3S1M832TC DIODES-ZX3CD3S1M832TC Datasheet
478Kb / 9P
   40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
More results


Similar Description - ZX3CD3S1M832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX3CD2S1M832 ZETEX-ZX3CD2S1M832 Datasheet
344Kb / 9P
   MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CDBS1M832 ZETEX-ZX3CDBS1M832 Datasheet
358Kb / 9P
   MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZXTDC3M832 ZETEX-ZXTDC3M832 Datasheet
266Kb / 8P
   MPPS Miniature Package Power Solutions DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXT3M322 ZETEX-ZXT3M322 Datasheet
166Kb / 6P
   MPPS Miniature Package Power Solutions 40V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZX3CD3S1M832 DIODES-ZX3CD3S1M832 Datasheet
478Kb / 9P
   40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
logo
Zetex Semiconductors
ZXMNS3BM832TA ZETEX-ZXMNS3BM832TA Datasheet
131Kb / 5P
   MPPS??Miniature Package Power Solutions 30V N Channel MOSFET & 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
logo
Diodes Incorporated
ZX3CD2S1M832 DIODES-ZX3CD2S1M832 Datasheet
482Kb / 9P
   20V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD1S1M832 DIODES-ZX3CD1S1M832 Datasheet
484Kb / 9P
   12V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
logo
Zetex Semiconductors
ZX3CD1S1M832 ZETEX-ZX3CD1S1M832 Datasheet
350Kb / 9P
   12V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZXTD3M832 ZETEX-ZXTD3M832 Datasheet
138Kb / 6P
   MPPSTM Miniature Package Power Solutions DUAL 40V PNP LOW SATURATION TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com