Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
ZXLD1100
(4)
ZXLD1101
(3)
ZXLD1100 - ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6 - Zetex Semiconductors
Click Here View
ZXLD1100
Datasheet
Part No.
ZXLD1100
Description
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
Download
ZXLD1100
Click here
to View
File Size
233.54 Kbytes / 16 Pages
Maker
ZETEX [Zetex Semiconductors]
Homepage
http://www.zetex.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
NB4N840M
3.3V
3.2Gb/s
Dual
Differential
Clock/Data
2
x
2
Crosspoint
Switch
with
CML
Output
and
Internal
Termination
ON Semiconductor
NCP348
Positive
Overvoltage
Protection
Controller
with
Internal
Low
R_ON
NMOS
FET
and
Status
FLAG
ON Semiconductor
TMC239
High
Current
Microstep
Stepper
Motor
Driver
with
protection
/
diagnosis
and
SPI
Interface
ETC
ATR0841
4-channel
Laser
Driver
with
2
Outputs
3
LVDS
Inputs
and
Internal
Termination
ATMEL Corporation
NB4L858M
2.5V/3.3V
3
GHz
Dual
Differential
Clock/Data
2x2
Crosspoint
Switch
with
CML
Output
and
Internal
Termination
ON Semiconductor
FSTU32X800
20-Bit
Bus
Switch
with
Precharged
Outputs
and
-2V
Undershoot
Protection
Fairchild Semiconductor
IP4770CZ16
VGA/video
interface
with
integrated
buffers
ESD
protection
and
integrated
termination
resistors
NXP Semiconductors
FMS6502
8-Input
6-Output
Video
Switch
Matrix
with
Output
Drivers
Input
Clamp
and
Bias
Circuitry
Fairchild Semiconductor
SN74LVCC3245A
OCTAL
BUS
TRANSCEIVER
WITH
ADJUSTABLE
OUTPUT
VOLTAGE
AND
3-STATE
OUTPUTS
Texas Instruments
A8439
Photoflash
Capacitor
Charger
with
IGBT
Driver
and
Refresh
Allegro MicroSystems
Link URL :
Related keyword
ZXLD1100 Datasheet
ZXLD1100 Cross Reference
ZXLD1100 Schematic
ZXLD1100 Distributor
ZXLD1100 Datenblatt
ZXLD1100 RoHS
ZXLD1100 Equivalent
ZXLD1100 Application Notes
ZXLD1100 Data Sheet
ZXLD1100 components
ZXLD1100 Fiche Technique
ZXLD1100 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer