Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A1G Datasheet (PDF) - Pan Jit International Inc.

1A1G Datasheet PDF - Pan Jit International Inc.
Part # 1A1G
Download  1A1G Download

File Size   51.33 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)

1A1G Datasheet (PDF)

Go To PDF Page Download Datasheet
1A1G Datasheet PDF - Pan Jit International Inc.

Part # 1A1G
Download  1A1G Click to download

File Size   51.33 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)

1A1G Datasheet (HTML) - Pan Jit International Inc.

1A1G Datasheet HTML 1Page - Pan Jit International Inc. 1A1G Datasheet HTML 2Page - Pan Jit International Inc.

1A1G Product details

VOLTAGE 50 to 1000 Volts CURRENT 1.0 Amperes

FEATURES
• Plastic package has Underwriters Laboratories
   Flammability Classification 94V-O utilizing
   Flame Retardant Epoxy Molding Compound.
• Glass passivated junction version of 1A1G thru 1A7G in R-1 package.
• Exceeds environmental standards of MIL-S-19500/228
• In compliance with EU RoHS 2002/95/EC directives

MECHANICAL DATA
• Case: Molded plastic, R-1
• Terminals: Axial leads, solderable to MIL-STD-750, Method 2026
• Polarity: Color Band denotes cathode end
• Mounting Position: Any
• Weight: 0.0068 ounce, 0.1937 gram



Similar Part No. - 1A1G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1A1G RECTRON-1A1G Datasheet
22Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIER
logo
HY ELECTRONIC CORP.
1A1G HY-1A1G Datasheet
775Kb / 3P
   Glass Passivated Rectifiers
logo
Jinan Gude Electronic D...
1A1G JGD-1A1G Datasheet
127Kb / 2P
   1.0 AMP.GLASS PASSIVATED RECTIFIERS
logo
Pan Jit International I...
1A1G PANJIT-1A1G Datasheet
117Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
1A1G PANJIT-1A1G Datasheet
83Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
More results


Similar Description - 1A1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG4001S PANJIT-PG4001S Datasheet
41Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
1A1 PANJIT-1A1 Datasheet
52Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Chenmko Enterprise Co. ...
1N4001GPT CHENMKO-1N4001GPT Datasheet
76Kb / 2P
   JUNCTION PLASTIC RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
logo
GOOD-ARK Electronics
1N4001G GOOD-ARK-1N4001G_15 Datasheet
184Kb / 2P
   Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
RF101G GOOD-ARK-RF101G Datasheet
103Kb / 2P
   Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Rectron Semiconductor
FM4001 RECTRON-FM4001 Datasheet
23Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Pan Jit International I...
PG4942 PANJIT-PG4942 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 200 to 1000 Volts CURRENT - 1.0 Ampere)
1N4001S PANJIT-1N4001S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
1U1G PANJIT-1U1G Datasheet
56Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
PG4933 PANJIT-PG4933 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com