Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M6MGB331S8AKT Datasheet (PDF) - Renesas Technology Corp

M6MGB331S8AKT Datasheet PDF - Renesas Technology Corp
Part # M6MGB331S8AKT
Download  M6MGB331S8AKT Download

File Size   127.72 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI

M6MGB331S8AKT Datasheet (PDF)

Go To PDF Page Download Datasheet
M6MGB331S8AKT Datasheet PDF - Renesas Technology Corp

Part # M6MGB331S8AKT
Download  M6MGB331S8AKT Click to download

File Size   127.72 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI

M6MGB331S8AKT Datasheet (HTML) - Renesas Technology Corp

M6MGB331S8AKT Datasheet HTML 1Page - Renesas Technology Corp M6MGB331S8AKT Datasheet HTML 2Page - Renesas Technology Corp M6MGB331S8AKT Datasheet HTML 3Page - Renesas Technology Corp

M6MGB331S8AKT Product details

Description
The M6MGB/T331S8AKT is a Stacked micro Multi Chip Package (S- mMCP) that contents 32M-bit Flash memory and 8M-bit Static RAM in a 52-pin TSOP for lead free use.
32M-bit Flash memory is a 4,194,304 bytes / 2,097,152 words, , single power supply and high performance non-volatile memory fabricated by CMOS technology for the peripheral circuit and DINOR (Divided bit-line NOR IV) architecture for the memory cell. All memory blocks are locked and can not be programmed or erased, when F-WP# is low. Using Software Lock Release function, program or erase operation can be executed.
8M-bit SRAM is a 1,048,576 bytes / 524,288 words asynchronous SRAM fabricated by CMOS technology for the peripheral circuit .
The M6MGB/T331S8AKT is suitable for a high performance cellular phone and a mobile PC that are required to be small mounting area, weight and small power dissipation

Features
   Access Time Flash 70ns (Max.)
                SRAM 85ns (Max.)
   Supply Voltage VCC=2.7 ~ 3.0V
   Ambient Temperature Ta=-40 ~ 85 °C
   Package 52pin TSOP(Type-II),
                  Lead pitch 0.4mm
                  Outer-lead finishing:Sn-Cu

Application
   Mobile communication products




Similar Part No. - M6MGB331S8AKT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M6MGB331S8BKT RENESAS-M6MGB331S8BKT Datasheet
128Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
More results


Similar Description - M6MGB331S8AKT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M6MGB331S8BKT RENESAS-M6MGB331S8BKT Datasheet
128Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
M6MGB331S4BKT RENESAS-M6MGB331S4BKT Datasheet
171Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT/4,194,304-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY & 4,194,304-BIT (262,144-WORD BY 16-BIT/524,288-WORD B
M6MGD137W34DWG RENESAS-M6MGD137W34DWG Datasheet
124Kb / 3P
   134,217,728-BIT (8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY & 33,554,432-BIT (2,097,152-WORD BY 16-BIT) CMOS MOBILE RAM
M6MGD13TW34DWG RENESAS-M6MGD13TW34DWG Datasheet
136Kb / 3P
   134,217,728-BIT (8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY & 33,554,432-BIT (2,097,152-WORD BY 16-BIT) CMOS MOBILE RAM
M5M29KE131BTP RENESAS-M5M29KE131BTP Datasheet
336Kb / 33P
   134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY
logo
Mitsubishi Electric Sem...
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB160S4BVP MITSUBISHI-M6MGB160S4BVP Datasheet
268Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
logo
Toshiba Semiconductor
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com