Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1D Datasheet (PDF) - Pan Jit International Inc.

ES1D Datasheet PDF - Pan Jit International Inc.
Part # ES1D
Download  ES1D Download

File Size   63.4 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SUPERFAST RECTIFIER

ES1D Datasheet (PDF)

Go To PDF Page Download Datasheet
ES1D Datasheet PDF - Pan Jit International Inc.

Part # ES1D
Download  ES1D Click to download

File Size   63.4 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SUPERFAST RECTIFIER

ES1D Datasheet (HTML) - Pan Jit International Inc.

ES1D Datasheet HTML 1Page - Pan Jit International Inc. ES1D Datasheet HTML 2Page - Pan Jit International Inc.

ES1D Product details

VOLTAGE 50 to 600 Volt CURRENT 1 Ampere

FEATURES
• For surface mounted applications in order to optimize board space
• Built-in strain relief
• Easy pick and place
• Superfast recovery times for high efficiency.
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• Glass passivated junction
• Lead free in compliance with EU RoHS 2.0
• Green molding compound as per IEC 61249 standard

MECHANICAL DATA
• Case: JEDEC DO-214AC molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: Indicated by cathode band
• Standard packaging: 12mm tape (EIA-481)
• Weight: 0.0023 ounces, 0.0679 grams




Similar Part No. - ES1D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ES1D PHILIPS-ES1D Datasheet
59Kb / 12P
   SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Gulf Semiconductor
ES1D GULFSEMI-ES1D Datasheet
104Kb / 2P
   SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?1.0A
logo
SAMYANG ELECTRONICS CO....
ES1D SAMYANG-ES1D Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
Micro Commercial Compon...
ES1D MCC-ES1D Datasheet
363Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Similar Description - ES1D

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER2A TRSYS-ER2A Datasheet
162Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER1AF PANJIT-ER1AF Datasheet
369Kb / 6P
   SURFACE MOUNT SUPERFAST RECTIFIER
ES1DF-AU PANJIT-ES1DF-AU Datasheet
115Kb / 5P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES1AB PACELEADER-ES1AB Datasheet
133Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
First Silicon Co., Ltd
ES1AF FS-ES1AF Datasheet
405Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Transys Electronics
ER1A TRSYS-ER1A Datasheet
248Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES2A PACELEADER-ES2A Datasheet
146Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1AF PANJIT-ES1AF Datasheet
269Kb / 4P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES3AC PACELEADER-ES3AC Datasheet
141Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A_08 Datasheet
226Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
ES1A YIXIN-ES1A Datasheet
172Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com