Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD15B-56KC Datasheet (PDF) - Sumida Corporation

CD15B-56KC Datasheet PDF - Sumida Corporation
Part # CD15B-56KC
Download  CD15B-56KC Download

File Size   600.2 Kbytes
Page   8 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description CD105B

CD15B-56KC Datasheet (PDF)

Go To PDF Page Download Datasheet
CD15B-56KC Datasheet PDF - Sumida Corporation

Part # CD15B-56KC
Download  CD15B-56KC Click to download

File Size   600.2 Kbytes
Page   8 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description CD105B

CD15B-56KC Datasheet (HTML) - Sumida Corporation

CD15B-56KC Datasheet HTML 1Page - Sumida Corporation CD15B-56KC Datasheet HTML 2Page - Sumida Corporation CD15B-56KC Datasheet HTML 3Page - Sumida Corporation CD15B-56KC Datasheet HTML 4Page - Sumida Corporation CD15B-56KC Datasheet HTML 5Page - Sumida Corporation CD15B-56KC Datasheet HTML 6Page - Sumida Corporation CD15B-56KC Datasheet HTML 7Page - Sumida Corporation CD15B-56KC Datasheet HTML 8Page - Sumida Corporation

CD15B-56KC Product details

Description
• Ferrite drum core construction.
• Magnetically unshielded.
• L×W×H: 10.4×9.4×5.8mm Max.
• Product weight:1.3 g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.

Applications
• Ideally used in PDA,MP3,DSC/DVC,HDD, Portable DVD, etc as DC-DC converter inductors.




Similar Part No. - CD15B-56KC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CD15-E2GA392MYGSA TDK-CD15-E2GA392MYGSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CD15-E2GA392MYNSA TDK-CD15-E2GA392MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
Sensata Technologies, I...
CD150 SENSATA-CD150 Datasheet
398Kb / 3P
   CD150 POTENTIOMETRIC OUTPUT – MEASUREMENT RANGE 0 UP TO 6000 MM
CD150-MEC SENSATA-CD150-MEC Datasheet
241Kb / 3P
   MECHANICAL DRAW-WIRE - MEASUREMENT RANGE 0 UP TO 6000 MM
logo
List of Unclassifed Man...
CD1517 ETC-CD1517 Datasheet
37Kb / 2P
   5-TAP DIP DELAY LINE
More results





Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com