Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
74HC365
(5)
74HC366
(6)
74HC367
(7)
74HC368
(5)
74HC366 - HEX BUFFER / LINE DRIVER 3-STATE INVERTING - ETC
Click Here View
74HC366
Datasheet
Part No.
74HC366
Description
HEX BUFFER / LINE DRIVER 3-STATE INVERTING
Download
74HC366
Click here
to View
File Size
168.55 Kbytes / 4 Pages
Maker
ETC [ETC]
Homepage
Related Electronics Part Number
Part Number
Components Description
Manufacturer
74HC368
HEX
BUFFER
/
LINE
DRIVER
3-STATE
INVERTING
ETC
MC54-74HC240A
Octal
3-State
Inverting
Buffer/Line
Driver/Line
Receiver
Motorola, Inc
MC74HCT240A
Octal
3-State
Inverting
Buffer/Line
Driver/Line
Receiver
with
LSTTL-Compatible
Inputs
Motorola, Inc
MC74HC240A
Octal
3-State
Inverting
Buffer/Line
Driver/Line
Receiver
ON Semiconductor
MB2240
16-bit
inverting
buffer/line
driver
3-State
NXP Semiconductors
IN74HCT240A
OCTAL
3-STATE
INVERTING
BUFFER/LINE
DRIVER/LINE
RECEIVER
Integral Corp.
74ALVCH16540
2.5V/3.3V
16-bit
buffer/line
driver
inverting
5V
input
tolerant
3-State
NXP Semiconductors
74LVT16240
Low
Voltage
16-Bit
Inverting
Buffer/Line
Driver
with
3-STATE
Outputs
Fairchild Semiconductor
74LVC240A
Octal
buffer/line
driver
with
5-volt
tolerant
inputs/outputs;
inverting
3-State
NXP Semiconductors
74LVTH162240
Low
Voltage
16-Bit
Inverting
Buffer/Line
Driver
with
3-STATE
Outputs
and
25ohm
Series
Resistors
in
the
Outputs
Fairchild Semiconductor
Link URL :
Related keyword
74HC366 Datasheet
74HC366 Cross Reference
74HC366 Schematic
74HC366 Distributor
74HC366 Datenblatt
74HC366 RoHS
74HC366 Equivalent
74HC366 Application Notes
74HC366 Data Sheet
74HC366 components
74HC366 Fiche Technique
74HC366 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer