Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23A017 Datasheet (PDF) - GHz Technology

23A017 Datasheet PDF - GHz Technology
Part # 23A017
Download  23A017 Download

File Size   33.1 Kbytes
Page   2 Pages
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology
Description 1.7 Watts, 20 Volts, Class A Linear to 2300 MHz

23A017 Datasheet (PDF)

Go To PDF Page Download Datasheet
23A017 Datasheet PDF - GHz Technology

Part # 23A017
Download  23A017 Click to download

File Size   33.1 Kbytes
Page   2 Pages
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology
Description 1.7 Watts, 20 Volts, Class A Linear to 2300 MHz

23A017 Datasheet (HTML) - GHz Technology

23A017 Datasheet HTML 1Page - GHz Technology 23A017 Datasheet HTML 2Page - GHz Technology

23A017 Product details

GENERAL DESCRIPTION
The 23A017 is a COMMON EMITTER transistor capable of providing 1.7 Watts of Class A, RF output power to 2300 MHz. This transistor is specifically designed for general Class A amplifier applications. It utilizes gold metalization and diffused ballasting to provide high reliability and supreme ruggedness. The transistor uses a fully hermetic High Temperature Solder Sealed package.

ABSOLUTE MAXIMUM RATINGS
    Maximum Power Dissipation @ 25℃ 6.0 Watts
    Maximum Voltage and Current
    BVces Collector to Emitter Voltage 50 Volts
    BVebo Emitter to Base Voltage 3.5 Volts
    Ic Collector Current 800 mA
    Maximum Temperatures
    Storage Temperature - 65 to + 200℃
    Operating Junction Temperature + 200℃




Similar Part No. - 23A017

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
23A017 NJSEMI-23A017 Datasheet
81Kb / 1P
   1.7 Watts, 20 Volts, 280 mA Class A Linear to 2300 MHz
More results


Similar Description - 23A017

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
23A017 NJSEMI-23A017 Datasheet
81Kb / 1P
   1.7 Watts, 20 Volts, 280 mA Class A Linear to 2300 MHz
logo
GHz Technology
23A005 GHZTECH-23A005 Datasheet
110Kb / 3P
   0.5 Watts, 20 Volts, Class A Linear to 2300 MHz
23A025 GHZTECH-23A025 Datasheet
32Kb / 2P
   2.5 Watts, 20 Volts, Class A Linear to 2300 MHz
logo
List of Unclassifed Man...
23A008 ETC1-23A008 Datasheet
42Kb / 2P
   0.5 WATTS, 20 VOLTS, CLASS A LINEAR TO 2300 MHz
logo
GHz Technology
80143 GHZTECH-80143 Datasheet
226Kb / 4P
   1.0 Watts, 15 Volts, Class A Linear to 2300 MHz
23A003 GHZTECH-23A003 Datasheet
29Kb / 1P
   0.3 Watts, 15 Volts, Class A Linear to 2300 MHz
logo
New Jersey Semi-Conduct...
10AM20 NJSEMI-10AM20 Datasheet
126Kb / 1P
   20 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
GHz Technology
10AM20 GHZTECH-10AM20 Datasheet
132Kb / 3P
   20 Watts, 20 Volts, Class A Linear to 1000 MHz
2223-17 GHZTECH-2223-17 Datasheet
249Kb / 3P
   1.7 Watts - 24 Volts, Class C Microwave 2200 - 2300 MHz
10AM11 GHZTECH-10AM11 Datasheet
154Kb / 3P
   11 Watts, 20 Volts, Class A Linear to 1000 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com