![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
YFW025A - Pin Header : 2.5mm pitch - YEONHO ELECTRONICS |
|
Click Here View YFW025A Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| YFAW025 | Pin Header : 2.5mm PITCH | YEONHO ELECTRONICS |
| YFAW200 | Pin Header : 2mm PITCH | YEONHO ELECTRONICS |
| YFAW254 | Pin Header : 2.54mm pitch | YEONHO ELECTRONICS |
| YFW200 | Pin Header : 2mm pitch | YEONHO ELECTRONICS |
| YFW254 | Pin Header : 2.54mm pitch | YEONHO ELECTRONICS |
| MDF14A-4P-2.5DS | 2.5mm Pitch Board to Board Vertical Post Header | Hirose Electric |
| DF1-2S-2.5R24 | 2.5mm Pitch Connector for Discrete Wire Connection | Hirose Electric |
| DF1B-2S-2.5R | 2.5mm Pitch Connector for Discrete Wire Connection Product Compliant with UL/CSA Standard | Hirose Electric |
| HIF3E-10PA-2.54DS | Ribbon Cable Connector Pin Header | Hirose Electric |
| DF1E-02P-2.5DS | 2.5mm Pitch Connector for Full Lock and Discrete Wire Connection | Hirose Electric |
Link URL |
|
|
Related keyword |
| YFW025A Datasheet | YFW025A Cross Reference | YFW025A Schematic | YFW025A Distributor | YFW025A Datenblatt | YFW025A RoHS |
| YFW025A Equivalent | YFW025A Application Notes | YFW025A Data Sheet | YFW025A component | YFW025A Fiche Technique | YFW025A Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |