Datasheet Search System

Mirror site :  alldatasheet.com,   alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name    
    Description 
Shortcut : YFAW200-30(1)  YFAW200-31(1)  

YFAW200-31 - Pin Header : 2mm PITCH - YEONHO ELECTRONICS

Click Here View YFAW200-31 Datasheet

Part No.

YFAW200-31

Description

Pin Header : 2mm PITCH

Download

YFAW200-31 Click here to View

File Size

251.55 Kbytes / 1 Pages

Maker

YEONHO [YEONHO ELECTRONICS]

Homepage

http://www.yeonho.com/


Related Electronics Part Number
Part NumberComponents DescriptionManufacturer
YFW200Pin Header : 2mm pitch YEONHO ELECTRONICS
YFAW025Pin Header : 2.5mm PITCH YEONHO ELECTRONICS
YFAW254Pin Header : 2.54mm pitch YEONHO ELECTRONICS
ULPSM2mm Pin Header Unshrouded Ultra Low Profile SMT ETC
YFW025APin Header : 2.5mm pitch YEONHO ELECTRONICS
YFW254Pin Header : 2.54mm pitch YEONHO ELECTRONICS
HPH-2540HIGH PROFILE PIN HEADER ETC
A3B-04PA-2DSA2mm Pitch Miniature Connector Hirose Electric
A3E-44PA-2DSA2mm Pitch Miniature Connector for HDD Hirose Electric
DF3-2S-2R262mm Pitch Connector for Discrete Wire Connection Product approved by UL CSA Standard Hirose Electric

Link URL :
Related keyword
  YFAW200-31 Datasheet   YFAW200-31 Cross Reference   YFAW200-31 Schematic   YFAW200-31 Distributor   YFAW200-31 Datenblatt   YFAW200-31 RoHS
  YFAW200-31 Equivalent   YFAW200-31 Application Notes   YFAW200-31 Data Sheet   YFAW200-31 components   YFAW200-31 Fiche Technique   YFAW200-31 Circuit


All Rights Reserved© Alldatasheet.net 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer