Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD883B Datasheet (PDF) - Analog Devices

AD883B Datasheet PDF - Analog Devices
Part # AD883B
Download  AD883B Download

File Size   3489.06 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PrecisionSample-and-Hold with 16-Channel Multiplexer

AD883B Datasheet (PDF)

Go To PDF Page Download Datasheet
AD883B Datasheet PDF - Analog Devices

Part # AD883B
Download  AD883B Click to download

File Size   3489.06 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PrecisionSample-and-Hold with 16-Channel Multiplexer

AD883B Datasheet (HTML) - Analog Devices

AD883B Datasheet HTML 1Page - Analog Devices AD883B Datasheet HTML 2Page - Analog Devices AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices

AD883B Product details

PRODUCTDESCRIPTION

TheAD362isacomplete, precision 16-channel data acquisition system analoginput section in hybrid integrated circuit form. Large-scalelinear integrated circuitry, thick- and thinfilm technology andactive laser trimming givesthe AD362 extensive applications versatility alongwithfull 12-bit accuracy.



FEATURES

16 Single-Ended or 8 Differential Channels with Switchable Mode Control

True 12-Bit Precision: Nonlinearity  ≤+0.005%

High Speed: 10µs Acquisition Time to 0.01%

Complete and Calibrated: No Additional Parts Required

Small, Reliable: 32Pin Hermetic Metal DIP

Versatile: Simple Interface to Popular Analogto Digital Converters

High Differential Input Impedance (1010Ω) and Common Mode Rejection (80dB)

Fully Protected Multiplexer Inputs




Similar Part No. - AD883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD883B AD-AD883B Datasheet
464Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD883B AD-AD883B Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD883B AD-AD883B Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD883B AD-AD883B Datasheet
571Kb / 16P
   Low Cost, Low Power Instrumentation Amplifier
REV. E
AD883B AD-AD883B Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
More results


Similar Description - AD883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD883B AD-AD883B_15 Datasheet
297Kb / 7P
   Precision Sample and Hold with 16 Channel Multiplexer
REV. A
logo
New Japan Radio
NJU7304 NJRC-NJU7304 Datasheet
165Kb / 5P
   8-CHANNEL MULTIPLEXER WITH SAMPLE AND HOLD
logo
Aeroflex Circuit Techno...
RHD5922 AEROFLEX-RHD5922 Datasheet
122Kb / 6P
   RadHard-by-Design RHD5922 Analog Multiplexer 16-Channel, Sample-and-Hold
logo
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5631 MAXIM-MAX5631_06 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
NXP Semiconductors
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com