Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC3013PGN-022 Datasheet (PDF) - PerkinElmer Optoelectronics

LC3013PGN-022 Datasheet PDF - PerkinElmer Optoelectronics
Part # LC3013PGN-022
Download  LC3013PGN-022 Download

File Size   94.46 Kbytes
Page   8 Pages
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics
Description High Performance, Low-Cost Analog Line Scan Camera

LC3013PGN-022 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC3013PGN-022 Datasheet PDF - PerkinElmer Optoelectronics

Part # LC3013PGN-022
Download  LC3013PGN-022 Click to download

File Size   94.46 Kbytes
Page   8 Pages
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics
Description High Performance, Low-Cost Analog Line Scan Camera

LC3013PGN-022 Datasheet (HTML) - PerkinElmer Optoelectronics

LC3013PGN-022 Datasheet HTML 1Page - PerkinElmer Optoelectronics LC3013PGN-022 Datasheet HTML 2Page - PerkinElmer Optoelectronics LC3013PGN-022 Datasheet HTML 3Page - PerkinElmer Optoelectronics LC3013PGN-022 Datasheet HTML 4Page - PerkinElmer Optoelectronics LC3013PGN-022 Datasheet HTML 5Page - PerkinElmer Optoelectronics LC3013PGN-022 Datasheet HTML 6Page - PerkinElmer Optoelectronics LC3013PGN-022 Datasheet HTML 7Page - PerkinElmer Optoelectronics LC3013PGN-022 Datasheet HTML 8Page - PerkinElmer Optoelectronics

LC3013PGN-022 Product details

Description
In the LC3000-series analog line scan camera, PerkinElmer has combined the best features of photodiode array detection, high-speed charge-coupled scanning, and analog line scan camera technology to offer an uncompromising solution to the increasing demands of advanced imaging applications.

Features
• 10 and 20 MHz output rate models
• Geometrically precise 14 µm square pixel CCD
• Small size: 2.5"H x 2.5"W x 2.72"L
• High dynamic range (500:1)
• Peak QE greater than 65%
• Antiblooming control
• Single power supply operation
• Electronic exposure control
• Adjustable gain and offset levels
• Line scan rates to 36 kHz




Similar Part No. - LC3013PGN-022

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC301 SEOUL-LC301 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC301 SEOUL-LC301 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC301 SEOUL-LC301 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC301 SEOUL-LC301 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC301 SEOUL-LC301 Datasheet
378Kb / 14P
   RED LAMP LED
More results


Similar Description - LC3013PGN-022

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LC1917 PERKINELMER-LC1917 Datasheet
647Kb / 6P
   Low-Profile Analog Line Scan Camera
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
Shenzhen Huazhimei Semi...
HM2740 HMSEMI-HM2740 Datasheet
1Mb / 10P
   High Performance Low Cost Off-line PWM Power Switch
logo
Sony Corporation
XC-55 SONY-XC-55 Datasheet
705Kb / 6P
   PROGRESSIVE SCAN CAMERA MODULE
logo
PerkinElmer Optoelectro...
LD3500 PERKINELMER-LD3500 Datasheet
179Kb / 8P
   Low-Cost Digital Linescan Camera
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
   Low cost, high performance , high reliability
HM-TRP ETC2-HM-TRP Datasheet
323Kb / 10P
   Low cost, high performance , high reliability
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
   Low cost, high performance , high reliability
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
   Non-isolated High Performance Low Cost Off-line PWM Power Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com