Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZT5401E Datasheet (PDF) - Central Semiconductor Corp

CZT5401E Datasheet PDF - Central Semiconductor Corp
Part # CZT5401E
Download  CZT5401E Download

File Size   152.07 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR

CZT5401E Datasheet (PDF)

Go To PDF Page Download Datasheet
CZT5401E Datasheet PDF - Central Semiconductor Corp

Part # CZT5401E
Download  CZT5401E Click to download

File Size   152.07 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR

CZT5401E Datasheet (HTML) - Central Semiconductor Corp

CZT5401E Datasheet HTML 1Page - Central Semiconductor Corp CZT5401E Datasheet HTML 2Page - Central Semiconductor Corp

CZT5401E Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT5401E is a PNP Silicon Transistor, packaged in an SOT-223 case, designed for general purpose amplifier applications requiring high breakdown voltage.

MARKING: FULL PART NUMBER

FEATURES:
• High Collector Breakdown Voltage 250V
• Low Leakage Current 50nA MAX
• Low Saturation Voltage 150mV MAX @ 50mA
• Complementary Device: CZT5551E
• SOT-223 Surface Mount Package

APPLICATIONS:
• General purpose switching and amplification
• Telephone applications




Similar Part No. - CZT5401E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZT5401E CENTRAL-CZT5401E_10 Datasheet
540Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
CZT5401E CENTRAL-CZT5401E_15 Datasheet
540Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
More results


Similar Description - CZT5401E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT591E CENTRAL-CMPT591E_10 Datasheet
397Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT2907AE CENTRAL-CMPT2907AE_10 Datasheet
334Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
CZT5401E CENTRAL-CZT5401E_10 Datasheet
540Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
CXT5401E CENTRAL-CXT5401E Datasheet
126Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT5401E CENTRAL-CMPT5401E Datasheet
119Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
CMUT5401E CENTRAL-CMUT5401E Datasheet
355Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT2907AE CENTRAL-CMPT2907AE Datasheet
141Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
CZT5551E CENTRAL-CZT5551E Datasheet
152Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CXT5551E CENTRAL-CXT5551E Datasheet
127Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT2222AE CENTRAL-CMPT2222AE Datasheet
142Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com