Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS72116J-8 Datasheet (PDF) - GSI Technology

GS72116J-8 Datasheet PDF - GSI Technology
Part # GS72116J-8
Download  GS72116J-8 Download

File Size   271.89 Kbytes
Page   17 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 128K x 16 2Mb Asynchronous SRAM

GS72116J-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS72116J-8 Datasheet PDF - GSI Technology

Part # GS72116J-8
Download  GS72116J-8 Click to download

File Size   271.89 Kbytes
Page   17 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 128K x 16 2Mb Asynchronous SRAM

GS72116J-8 Datasheet (HTML) - GSI Technology

Back Button GS72116J-8 Datasheet HTML 1Page - GSI Technology GS72116J-8 Datasheet HTML 2Page - GSI Technology GS72116J-8 Datasheet HTML 3Page - GSI Technology GS72116J-8 Datasheet HTML 4Page - GSI Technology GS72116J-8 Datasheet HTML 5Page - GSI Technology GS72116J-8 Datasheet HTML 6Page - GSI Technology GS72116J-8 Datasheet HTML 7Page - GSI Technology GS72116J-8 Datasheet HTML 8Page - GSI Technology GS72116J-8 Datasheet HTML 9Page - GSI Technology GS72116J-8 Datasheet HTML 10Page - GSI Technology Next Button 

GS72116J-8 Product details

Description
The GS72116 is a high speed CMOS static RAM organized as 131,072-word by 16-bits. Static design eliminates the need for external clocks or timing strobes. Operating on a single 3.3V power supply and all inputs and outputs are TTL compatible. The GS72116 is available in a 6x8 mm Fine Pitch BGA package, a 10x10 mm TQFP package, as well in 400 mil SOJ and 400 mil TSOP Type-II packages.




Similar Part No. - GS72116J-8

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72116AJ GSI-GS72116AJ Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
GS72116AJ-10 GSI-GS72116AJ-10 Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
GS72116AJ-10I GSI-GS72116AJ-10I Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
GS72116AJ-12 GSI-GS72116AJ-12 Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
GS72116AJ-12I GSI-GS72116AJ-12I Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
More results


Similar Description - GS72116J-8

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
Samsung semiconductor
K6F2016R4G SAMSUNG-K6F2016R4G Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016U4G SAMSUNG-K6F2016U4G Datasheet
160Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
logo
GSI Technology
GS72108TP-10 GSI-GS72108TP-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
More results




About GSI Technology


GSI Technology is a semiconductor company that designs, develops, and markets high-performance memory products for networking, telecommunications, and military applications. The company was founded in 1995 and is headquartered in Sunnyvale, California.

GSI Technology's products include static random-access memory (SRAM) devices, which are used for high-speed memory access in networking and telecommunications equipment, as well as in military and aerospace systems. The company's SRAMs feature low latency and high bandwidth, which makes them suitable for applications that require fast and reliable memory access.

In addition to its memory products, GSI Technology also offers customized solutions for customers with specific requirements. The company's design and development capabilities allow it to create products tailored to customer needs, including specialized memory architectures and custom packaging options.

GSI Technology has a global customer base, with products sold in North America, Asia, and Europe. The company's customers include original equipment manufacturers (OEMs) and other companies in the networking, telecommunications, military, and aerospace industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com