Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC528 Datasheet (PDF) - Hittite Microwave Corporation

HMC528 Datasheet PDF - Hittite Microwave Corporation
Part # HMC528
Download  HMC528 Download

File Size   298.08 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q MIXER 11 - 16 GHz

HMC528 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC528 Datasheet PDF - Hittite Microwave Corporation

Part # HMC528
Download  HMC528 Click to download

File Size   298.08 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q MIXER 11 - 16 GHz

HMC528 Datasheet (HTML) - Hittite Microwave Corporation

HMC528 Datasheet HTML 1Page - Hittite Microwave Corporation HMC528 Datasheet HTML 2Page - Hittite Microwave Corporation HMC528 Datasheet HTML 3Page - Hittite Microwave Corporation HMC528 Datasheet HTML 4Page - Hittite Microwave Corporation HMC528 Datasheet HTML 5Page - Hittite Microwave Corporation HMC528 Datasheet HTML 6Page - Hittite Microwave Corporation

HMC528 Product details

General Description
The HMC528 is a compact I /Q MMIC mixer which can be used as either an Image Reject Mixer or a Single Sideband Upconverter. The chip utilizes two standard Hittite double balanced mixer cells and a 90 degree hybrid fabricated in a GaAs MESFET process. All data shown below is taken with the chip mounted in a 50 Ohm test fi xture and includes the effects of 1 mil diameter x 20 mil length bond wires on each port. A low frequency quadrature hybrid was used to produce a 100 MHz USB IF output. This product is a much smaller alternative to hybrid style Image Reject Mixers and Single Sideband Upconverter assemblies.

Features
   Wide IF Bandwidth: DC - 3.5 GHz
   Image Rejection: 35 dB
   LO to RF Isolation: 45 dB
   High Input IP3: +26 dBm

Typical Applications
The HMC528 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• Military Radar




Similar Part No. - HMC528

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC528 HITTITE-HMC528 Datasheet
236Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528 HITTITE-HMC528 Datasheet
236Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
logo
Micross Components
HMC528 MICROSS-HMC528 Datasheet
882Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Hittite Microwave Corpo...
HMC528LC4 HITTITE-HMC528LC4 Datasheet
290Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528LC4 HITTITE-HMC528LC4 Datasheet
207Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
More results


Similar Description - HMC528

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC522 HITTITE-HMC522_09 Datasheet
235Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC522LC4 HITTITE-HMC522LC4 Datasheet
280Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528LC4 HITTITE-HMC528LC4 Datasheet
290Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC522LC4 HITTITE-HMC522LC4_09 Datasheet
207Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528LC4 HITTITE-HMC528LC4_09 Datasheet
207Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528 HITTITE-HMC528_09 Datasheet
236Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC-C043 HITTITE-HMC-C043 Datasheet
287Kb / 6P
   GaAs MMIC I/Q MIXER MODULE 11 - 16 GHz
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
HMC709LC5 HITTITE-HMC709LC5_10 Datasheet
642Kb / 6P
   GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com