Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
89815-8000
(1)
89815-8003
(1)
89815-8000 - D Sub Plug Connector - 3M Electronics
Click Here View
89815-8000
Datasheet
Part No.
89815-8000
Description
D Sub Plug Connector
Download
89815-8000
Click here
to View
File Size
37.86 Kbytes / 3 Pages
Maker
3M [3M Electronics]
Homepage
http://www.3m.com/esd
Related Electronics Part Number
Part Number
Components Description
Manufacturer
8250
D
Sub
Plug
Connector
50
Position
3M Electronics
HV-TMP
DC
to
65
GHz
HV
Coaxial
Connector
Plug
Terminations
Hirose Electric
20687
CONNECTOR
HSG
3PIN
19A
600V
UNIVERSAL
PLUG
Vicor Corporation
20688
CONNECTOR
HSG
2
PIN
19A
600V
UNIVERSAL
PLUG
Vicor Corporation
8209-6000
3M
D
Sub
Plug
3M Electronics
T10C
3
Terminal
configuration
matches
G.D.T.
pin
configuration
For
Plug
in
Applications
fits
in
KRONE¢â
3
Point
Connector
Block
5B.
Littelfuse
A33A
DONCO
CONNECTOR
DIP
PLUG
ON
WIRE
TYPE
DB Lectro Inc
GP1A34LC
OPIC
Photointerrupter
with
Connector
Sharp Electrionic Components
0843-2B1T-33
INTEGRATED
CONNECTOR
MODULES
Gigabit
belStack¢â
with
LEDs
Bel Fuse Inc.
Link URL :
Related keyword
89815-8000 Datasheet
89815-8000 Cross Reference
89815-8000 Schematic
89815-8000 Distributor
89815-8000 Datenblatt
89815-8000 RoHS
89815-8000 Equivalent
89815-8000 Application Notes
89815-8000 Data Sheet
89815-8000 components
89815-8000 Fiche Technique
89815-8000 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer