Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT157 Datasheet (PDF) - NXP Semiconductors

74AHCT157 Datasheet PDF - NXP Semiconductors
Part # 74AHCT157
Download  74AHCT157 Download

File Size   84.52 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input multiplexer

74AHCT157 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT157 Datasheet PDF - NXP Semiconductors

Part # 74AHCT157
Download  74AHCT157 Click to download

File Size   84.52 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input multiplexer

74AHCT157 Datasheet (HTML) - NXP Semiconductors

Back Button 74AHCT157 Datasheet HTML 1Page - NXP Semiconductors 74AHCT157 Datasheet HTML 2Page - NXP Semiconductors 74AHCT157 Datasheet HTML 3Page - NXP Semiconductors 74AHCT157 Datasheet HTML 4Page - NXP Semiconductors 74AHCT157 Datasheet HTML 5Page - NXP Semiconductors 74AHCT157 Datasheet HTML 6Page - NXP Semiconductors 74AHCT157 Datasheet HTML 7Page - NXP Semiconductors 74AHCT157 Datasheet HTML 8Page - NXP Semiconductors 74AHCT157 Datasheet HTML 9Page - NXP Semiconductors 74AHCT157 Datasheet HTML 10Page - NXP Semiconductors Next Button 

74AHCT157 Product details

DESCRIPTION
The 74AHC/AHCT157 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard No. 7A.

FEATURES
• ESD protection: HBM EIA/JESD22-A114-A
    exceeds 2000 V MM EIA/JESD22-A115-A
    exceeds 200 V CDM EIA/JESD22-C101
    exceeds 1000 V
• Balanced propagation delays
• All inputs have Schmitt-trigger actions
• Multiple input enable for easy expansion
• Ideal for memory chip select decoding
• Inputs accept voltages higher than VCC
• For AHC only: operates with CMOS input levels
• For AHCT only: operates with TTL input levels
• Specified from −40 to +85 and +125 °C.




Similar Part No. - 74AHCT157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT157 NXP-74AHCT157 Datasheet
95Kb / 16P
   Quad 2-input multiplexer
Rev. 02-9 November 2007
logo
Nexperia B.V. All right...
74AHCT157 NEXPERIA-74AHCT157 Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 10 September 2020
74AHCT157-Q100 NEXPERIA-74AHCT157-Q100 Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 2 - 10 September 2020
logo
NXP Semiconductors
74AHCT157BQ NXP-74AHCT157BQ Datasheet
95Kb / 16P
   Quad 2-input multiplexer
Rev. 02-9 November 2007
logo
Nexperia B.V. All right...
74AHCT157BQ NEXPERIA-74AHCT157BQ Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 10 September 2020
More results


Similar Description - 74AHCT157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com