Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G14 Datasheet (PDF) - NXP Semiconductors

74AHC1G14 Datasheet PDF - NXP Semiconductors
Part # 74AHC1G14
Download  74AHC1G14 Download

File Size   105.53 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Inverting Schmitt trigger

74AHC1G14 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC1G14 Datasheet PDF - NXP Semiconductors

Part # 74AHC1G14
Download  74AHC1G14 Click to download

File Size   105.53 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Inverting Schmitt trigger

74AHC1G14 Datasheet (HTML) - NXP Semiconductors

Back Button 74AHC1G14 Datasheet HTML 1Page - NXP Semiconductors 74AHC1G14 Datasheet HTML 2Page - NXP Semiconductors 74AHC1G14 Datasheet HTML 3Page - NXP Semiconductors 74AHC1G14 Datasheet HTML 4Page - NXP Semiconductors 74AHC1G14 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G14 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G14 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G14 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G14 Datasheet HTML 9Page - NXP Semiconductors 74AHC1G14 Datasheet HTML 10Page - NXP Semiconductors Next Button 

74AHC1G14 Product details

DESCRIPTION

The 74AHC1G/AHCT1G14 is a high-speed Si-gate CMOS device. The 74AHC1G/AHCT1G14 provides the inverting buffer function with Schmitt-trigger action. These devices are capable of transforming slowly changing input signals into sharply defined, jitter-free output signals.



FEATURES

• Symmetrical output impedance

• High noise immunity

• ESD protection:

    – HBM EIA/JESD22-A114-A exceeds 2000 V

    – MM EIA/JESD22-A115-A exceeds 200 V

    – CDM EIA/JESD22-C101 exceeds 1000 V.

• Low power dissipation

• Balanced propagation delays

• Very small 5 pin package

• Output capability: standard

• Specified from−40 to +125°C.




Similar Part No. - 74AHC1G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Diodes Incorporated
74AHC1G14 DIODES-74AHC1G14 Datasheet
184Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERETER
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
74AHC1G14-Q100 NEXPERIA-74AHC1G14-Q100 Datasheet
802Kb / 17P
   Inverting Schmitt trigger
logo
NXP Semiconductors
74AHC1G14GV NXP-74AHC1G14GV Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
More results


Similar Description - 74AHC1G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com