Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA16-2 Datasheet (PDF) - Tyco Electronics

CA16-2 Datasheet PDF - Tyco Electronics
Part # CA16-2
Download  CA16-2 Download

File Size   357.93 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 10 to 1200 MHz

CA16-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA16-2 Datasheet PDF - Tyco Electronics

Part # CA16-2
Download  CA16-2 Click to download

File Size   357.93 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 10 to 1200 MHz

CA16-2 Datasheet (HTML) - Tyco Electronics

CA16-2 Datasheet HTML 1Page - Tyco Electronics CA16-2 Datasheet HTML 2Page - Tyco Electronics

CA16-2 Product details

Description
The A16-2 RF amplifier is a discrete thin film hybrid design, which incorporates the use of thin film manufacturing processes for accurate performance and high reliability. This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network is used for temperature-stable performance, in addition to an RF Choke, used for power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• LOW NOISE: 3.5 dB (TYP.)
• HIGH EFFICIENCY: 15 mA (TYP.) @ +5 Volts
• GOOD DYNAMIC RANGE: 102.5 dB (TYP.) in 1 MHz BW
• LOW VSWR: <1.5:1 (TYP.)




Similar Part No. - CA16-2

ManufacturerPart #DatasheetDescription
logo
Agere Systems
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
logo
Ledil, Inc.
CA16015 LEDIL-CA16015 Datasheet
6Mb / 4P
   Type II/III (Long) beam for very wide pole to pole distances.
CA16031 LEDIL-CA16031 Datasheet
2Mb / 4P
   Beam for area and street lighting such as parks and pedestrian walkways
CA16127 LEDIL-CA16127 Datasheet
1Mb / 19P
   OLGA Assembly
CA16127 LEDIL-CA16127 Datasheet
6Mb / 9P
   ~11째 spot beam beam. Assembly with holder and installation tape.
More results


Similar Description - CA16-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A64 MACOM-A64 Datasheet
110Kb / 1P
   10 TO 1200 MHz CASCADABLE AMPLIFIER
A64 MACOM-A64_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
A64 MA-COM-A64 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1200 MHz
A1211 MA-COM-A1211 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Tyco Electronics
A1211 MACOM-A1211_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
A1211 MACOM-A1211 Datasheet
111Kb / 1P
   10 TO 1200 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA21-1 MA-COM-SMA21-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Tyco Electronics
A21-1 MACOM-A21-1_1 Datasheet
365Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
A66 MACOM-A66 Datasheet
85Kb / 1P
   10 TO 1200 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1200 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com