Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA87 Datasheet (PDF) - Tyco Electronics

CA87 Datasheet PDF - Tyco Electronics
Part # CA87
Download  CA87 Download

File Size   377.57 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 10 to 400 MHz

CA87 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA87 Datasheet PDF - Tyco Electronics

Part # CA87
Download  CA87 Click to download

File Size   377.57 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 10 to 400 MHz

CA87 Datasheet (HTML) - Tyco Electronics

CA87 Datasheet HTML 1Page - Tyco Electronics CA87 Datasheet HTML 2Page - Tyco Electronics

CA87 Product details

Description
The A87 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Use of an impedance transformer offers the benefit of high dynamic range and high efficiency.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• HIGH OUTPUT LEVEL: +17.5 dBm (TYP.)
• HIGH THIRD ORDER I.P.: +33 dBm (TYP.)
• WIDE POWER SUPPLY RANGE: +5 TO +15 VOLTS




Similar Part No. - CA87

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CA87 MA-COM-CA87 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 400 MHz
CA87 MA-COM-CA87 Datasheet
617Kb / 3P
   Cascadable Amplifier
logo
Tyco Electronics
CA87-1 MACOM-CA87-1 Datasheet
379Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
CA87-1 MA-COM-CA87-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
Tyco Electronics
CA87-2 MACOM-CA87-2 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 300 MHz
More results


Similar Description - CA87

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A87-1 MA-COM-A87-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
Tyco Electronics
A411 MACOM-A411 Datasheet
112Kb / 1P
   10 TO 400 MHz CASCADABLE AMPLIFIER
A51 MACOM-A51 Datasheet
351Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
A87 MA-COM-A87 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
Tyco Electronics
A87-1 MACOM-A87-1_1 Datasheet
379Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
A411 MA-COM-A411 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 400 MHz
A51 MA-COM-A51 Datasheet
156Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
Tyco Electronics
A411 MACOM-A411_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
A87-1 MACOM-A87-1 Datasheet
85Kb / 1P
   10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC487 ETC1-AC487 Datasheet
106Kb / 2P
   10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com