Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-007865-0P1R00 Datasheet (PDF) - Tyco Electronics

MAAM-007865-0P1R00 Datasheet PDF - Tyco Electronics
Part # MAAM-007865-0P1R00
Download  MAAM-007865-0P1R00 Download

File Size   345.3 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Broadband Driver Amplifier 50 to 2000 MHz

MAAM-007865-0P1R00 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAM-007865-0P1R00 Datasheet PDF - Tyco Electronics

Part # MAAM-007865-0P1R00
Download  MAAM-007865-0P1R00 Click to download

File Size   345.3 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Broadband Driver Amplifier 50 to 2000 MHz

MAAM-007865-0P1R00 Datasheet (HTML) - Tyco Electronics

MAAM-007865-0P1R00 Datasheet HTML 1Page - Tyco Electronics MAAM-007865-0P1R00 Datasheet HTML 2Page - Tyco Electronics MAAM-007865-0P1R00 Datasheet HTML 3Page - Tyco Electronics MAAM-007865-0P1R00 Datasheet HTML 4Page - Tyco Electronics MAAM-007865-0P1R00 Datasheet HTML 5Page - Tyco Electronics MAAM-007865-0P1R00 Datasheet HTML 6Page - Tyco Electronics



Similar Part No. - MAAM-007865-0P1R00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-007865-0P1R00 MA-COM-MAAM-007865-0P1R00 Datasheet
216Kb / 6P
   Broadband Driver Amplifier 50 to 2000 MHz
More results


Similar Description - MAAM-007865-0P1R00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-007865-0P1R00 MA-COM-MAAM-007865-0P1R00 Datasheet
216Kb / 6P
   Broadband Driver Amplifier 50 to 2000 MHz
MAAM-007866-0P1R00 MA-COM-MAAM-007866-0P1R00 Datasheet
222Kb / 6P
   Broadband Driver Amplifier 50 to 3300 MHz
logo
Tyco Electronics
MAAM-007866-0P1R00 MACOM-MAAM-007866-0P1R00 Datasheet
354Kb / 6P
   Broadband Driver Amplifier 50 to 3300 MHz
logo
M/A-COM Technology Solu...
MAAMSS0017 MA-COM-MAAMSS0017 Datasheet
157Kb / 4P
   Broadband IF Driver Amplifier 50 - 2500 MHz
logo
Tyco Electronics
MAAMSS0046 MACOM-MAAMSS0046 Datasheet
208Kb / 4P
   Broadband IF Driver Amplifier 50 - 2500 MHz
logo
M/A-COM Technology Solu...
MAAMSS0046 MA-COM-MAAMSS0046 Datasheet
126Kb / 4P
   Broadband IF Driver Amplifier 50 - 2500 MHz
logo
Tyco Electronics
MAAMSS0017 MACOM-MAAMSS0017 Datasheet
205Kb / 4P
   Broadband IF Driver Amplifier 50 - 2500 MHz
logo
Broadcom Corporation.
MGA-31189 BOARDCOM-MGA-31189 Datasheet
557Kb / 15P
   0.25W High Gain Driver Amplifier 50 ??2000 MHz
logo
Pasternack Enterprises,...
PE1518 PASTERNACK-PE1518 Datasheet
392Kb / 2P
   Low Noise Amplifier 50 to 2000 MHz
logo
M/A-COM Technology Solu...
PA2003 MA-COM-PA2003 Datasheet
115Kb / 2P
   Ultra Linear Driver Amplifier 1800 to 2000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com